Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NFSL757DT-V1M3 Datasheet(PDF) 13 Page - NICHIA CORPORATION

Part No. NFSL757DT-V1M3
Description  WHITE LED
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NICHIA [NICHIA CORPORATION]
Homepage  http://www.nichia.co.jp
Logo 

NFSL757DT-V1M3 Datasheet(HTML) 13 Page - NICHIA CORPORATION

Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
NICHIA STS-DA1-3084C <Cat.No.160129>
12
FORWARD CURRENT CHARACTERISTICS / TEMPERATURE CHARACTERISTICS
NFSL757D-V1M3
管理番号 No. STS-DA7-5950
0.37
0.38
0.39
0.40
0.41
0.38
0.39
0.40
0.41
0.42
Taxy
-40°C
0°C
25°C
100°C
x
0.37
0.38
0.39
0.40
0.41
0.38
0.39
0.40
0.41
0.42
Ifxy
10mA
20mA
65mA
180mA
240mA
x
65mA
I
FP=
周囲温度-色度 特性
Ambient Temperature vs
Chromaticity Coordinate
電流-色度 特性
Forward Current vs
Chromaticity Coordinate
T
A =25
°C
* 本特性参考す
All characteristics shown are for reference only and are not guaranteed.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn