Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NFSL757DT-V1M3 Datasheet(PDF) 12 Page - NICHIA CORPORATION

Part No. NFSL757DT-V1M3
Description  WHITE LED
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NICHIA [NICHIA CORPORATION]
Homepage  http://www.nichia.co.jp
Logo 

NFSL757DT-V1M3 Datasheet(HTML) 12 Page - NICHIA CORPORATION

Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
NICHIA STS-DA1-3084C <Cat.No.160129>
11
FORWARD CURRENT CHARACTERISTICS / TEMPERATURE CHARACTERISTICS
NFSL757D-V1M3
管理番号 No. STS-DA7-5949A
2.0
2.5
3.0
3.5
4.0
-60
-40
-20
0
20
40
60
80
100 120
TaVf
0.6
0.8
1.0
1.2
1.4
-60
-40
-20
0
20
40
60
80
100 120
TaIv
10
100
1000
2.0
2.5
3.0
3.5
4.0
VfIf
65
240
周囲温度-相対
束特性
Ambient Temperature vs
Relative Luminous Flux
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
50
100
150
200
250
300
IfIv
電流-相対
束特性
Forward Current vs
Relative Luminous Flux
電流
Forward Current(mA)
電圧-
電流特性
Forward Voltage vs
Forward Current
周囲温度-
電圧特性
Ambient Temperature vs
Forward Voltage
電圧
Forward Voltage(V)
周囲温度
Ambient Temperature(°C)
周囲温度
Ambient Temperature(°C)
T
A=25
°C
* 本特性参考す
All characteristics shown are for reference only and are not guaranteed.
T
A=25
°C
I
FP=65mA
I
FP=65mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn