Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NFSL757DT-V1M3 Datasheet(PDF) 11 Page - NICHIA CORPORATION

Part No. NFSL757DT-V1M3
Description  WHITE LED
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NICHIA [NICHIA CORPORATION]
Homepage  http://www.nichia.co.jp
Logo 

NFSL757DT-V1M3 Datasheet(HTML) 11 Page - NICHIA CORPORATION

Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NICHIA STS-DA1-3084C <Cat.No.160129>
10
OPTICAL CHARACTERISTICS
NFSL757D-V1M3
管理番号 No. STS-DA7-5948
0.0
0.2
0.4
0.6
0.8
1.0
400
450
500
550
600
650
700
750
800
Spectrum
相対照度
Relative Illuminance(a.u.)
90°
80°
70°
60°
50°
40°
30°
20°
10°
-10°
-20°
-30°
-40°
-50°
-60°
-70°
-80°
-90°
Directivity1
Spectrum
波長
Wavelength(nm)
指向特性
Directivity
1
0.5
0
0.5
1
A
65mA
I
F=
T =25°C
65mA
I
FP=
T
A=25
°C
* 本特性参考す
All characteristics shown are for reference only and are not guaranteed.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn