Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P4SMA Datasheet(PDF) 5 Page - NEC

Part # 5P4SMA
Description  P gate all Diffused mold type Thyristor granted 5 A on-state Average current, with rated Voltages up to 600V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

5P4SMA Datasheet(HTML) 5 Page - NEC

  5P4SMA Datasheet HTML 1Page - NEC 5P4SMA Datasheet HTML 2Page - NEC 5P4SMA Datasheet HTML 3Page - NEC 5P4SMA Datasheet HTML 4Page - NEC 5P4SMA Datasheet HTML 5Page - NEC 5P4SMA Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Data Sheet D17163EJ3V0DS
5
5P4SMA,5P6SMA
Figure 13. Zth CHARACTERISTIC
100
10
1
0.1
0.01
10000
1000
100
10
1
0.1
Junction to ambient
Junction to case
t - Time - s


Similar Part No. - 5P4SMA

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
5P4SMA KERSEMI-5P4SMA Datasheet
1Mb / 5P
   Motor speed control for household appliance
logo
Renesas Technology Corp
5P4SMA RENESAS-5P4SMA Datasheet
406Kb / 8P
   5 A RESIN MOLD TYPE SCR
1988
5P4SMA RENESAS-5P4SMA Datasheet
1Mb / 8P
   THYRISTORS
1988
More results

Similar Description - 5P4SMA

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BTY79 NJSEMI-BTY79 Datasheet
102Kb / 3P
   Average on-state current
logo
NEC
03P2M NEC-03P2M Datasheet
462Kb / 4P
   0.47 A(R.M.S.)ALL DIFFUSED MOLD TYPE SCR
5P4J NEC-5P4J Datasheet
1Mb / 6P
   5 A SMALL MOLD THYRISTOR
03P2J NEC-03P2J Datasheet
298Kb / 4P
   ALL DIFFUSED TYPE SCR POWER MINI MOLD
logo
Infineon Technologies A...
ILD6070 INFINEON-ILD6070 Datasheet
1Mb / 24P
   Capable to provide up to 0.7 A average output current
ILD6150 INFINEON-ILD6150 Datasheet
1Mb / 25P
   Capable to provide up to 1.5 A average output current
logo
NEC
8P4J NEC-8P4J Datasheet
635Kb / 6P
   8 A MOLD THYRISTOR
logo
Renesas Technology Corp
5P4SMA RENESAS-5P4SMA Datasheet
406Kb / 8P
   5 A RESIN MOLD TYPE SCR
1988
AC05DSMA RENESAS-AC05DSMA Datasheet
421Kb / 8P
   5 A RESIN MOLD TYPE TRIAC
April 1st, 2010
logo
Infineon Technologies A...
6MS24017P43W41646 INFINEON-6MS24017P43W41646 Datasheet
1Mb / 9P
   IGBT Stack for typical voltages up to 690 VRMS Rated output current 1175RMS
2017-06-27 revision:2.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com