Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC6202 Datasheet(PDF) 5 Page - Torex Semiconductor

Part No. XC6202
Description  (High Voltage) Positive Voltage Regulators
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC6202 Datasheet(HTML) 5 Page - Torex Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
XC6202PC02
VOUT(T) = 12V (Note 1)
Ta=25
OC
XC6202PJ02
VOUT(T) =18V (Note 1)
Ta=25
OC
Note : 1. VOUT(T) = Specified Output Voltage.
2. VOUT(E) = Effective Output Voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the
VIN pin while maintaining a certain IOUT value).
3. Vdif = VIN1 - VOUT1
4. VOUT1 = A voltage equal to 98% of the output voltage when "VOUT(T)+1.0V" is input.e
5. VIN1 = The input voltage when VOUT1 is output following a gradual decrease in the input voltage.
XC6202 Series
(High Voltage) Positive Voltage Regulators
Preliminary
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CIRCUIT
Output Voltage
VOUT(E)
VIN=13V
11.760
12.000
12.240
V
2
(Note2)
IOUT=30mA
Maximum Output Current
IOUT max
VIN=13V
200
mA
2
VOUT
≥ VOUT(E) × 0.9
Load Regulation
∆ VOUT
VIN=13V
60
230
mV
2
1mA
≤ IOUT ≤ 100mA
Dropout Voltage ( Note 3 )
Vdif 1
IOUT=30mA
2
Vdif 2
IOUT=100mA
290
380
90
150
mV
Supply Current
ISS
VIN=13V
12.0
28.0
µA
1
Line Regulation
∆ VOUT
IOUT=1mA
∆ VIN · VOUT
13V
≤ VIN ≤ 20.0V
0.01
0.2
% / V
2
Input Voltage
VIN
20
V
-
Output Voltage
∆ VOUT
IOUT=30mA
Temperature Characteristics
∆ Topr · VOUT
-40
OC
≤ Topr ≤ 85OC
±100
ppm /
OC
2
Short-circuit Current
Ishort
VIN=14V
40
mA
2
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CIRCUIT
Output Voltage
VOUT(E)
VIN=19V
17.640
(Note2)
IOUT=30mA
18.000
18.360
V
2
Maximum Output Current
IOUT max
VIN=19V
200
VOUT
≥ VOUT(E) × 0.9
mA
2
Load Regulation
∆ VOUT
VIN=19V
1mA
≤ IOUT ≤ 100mA
120
380
mV
2
Dropout Voltage ( Note 3 )
Vdif 1
IOUT=30mA
Vdif 2
IOUT=100mA
80
150
mV
2
280
380
Supply Current
ISS
VIN=19V
15.0
30.0
µA
1
Line Regulation
∆ VOUT
IOUT=1mA
∆ VIN · VOUT
19V
≤ VIN ≤ 20.0V
0.01
0.2
% / V
2
Input Voltage
VIN
20
V
-
2
Output Voltage
∆ VOUT
IOUT=30mA
Temperature Characteristics
∆ Topr · VOUT
-40
OC
≤ Topr ≤ 85OC
±100
ppm /
OC
40
mA
2
Short-circuit Current
Ishort
VIN=20V
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn