Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPI210 Datasheet(PDF) 3 Page - TT Electronics.

Part # OPI210
Description  Surface Mount Optically Coupled Isolator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPI210 Datasheet(HTML) 3 Page - TT Electronics.

  OPI210 Datasheet HTML 1Page - TT Electronics. OPI210 Datasheet HTML 2Page - TT Electronics. OPI210 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue B
09/2017 Page 3
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
OPI210, OPI211
On State Collector Current Vs Temperature Vs
Forward Current
0.0
0.5
1.0
1.5
2.0
2.5
0
10
20
30
40
50
IF - LED Forward Current (mA)
-55°C
-35°C
-15°C
+5°C
+25°C
+45°C
+65°C
+85°C
+105°C
+125°C
Normalized at 10 mA and 25°C
Forward Voltage Vs Forward Current Vs
Ambient Temperature
1
1.1
1.2
1.3
1.4
1.5
0
10
20
30
40
50
IF - LED Forward Current (mA)
-55°C
-35°C
-15°C
+5°C
+25°C
+45°C
+65°C
+85°C
+105°C
+125°C
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.


Similar Part No. - OPI210

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPI2100 OPTEK-OPI2100 Datasheet
77Kb / 2P
   OPTICALLY COUPLED ISOLATORS
More results

Similar Description - OPI210

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
HCC640 OPTEK-HCC640 Datasheet
142Kb / 2P
   Surface Mount Optically Coupled Isolator
HCC242TX OPTEK-HCC242TX Datasheet
230Kb / 2P
   Surface Mount Optically Coupled Isolator
logo
TT Electronics.
4N22U TTELEC-4N22U Datasheet
318Kb / 5P
   Surface Mount Optically Coupled Isolator
HCC240 TTELEC-HCC240 Datasheet
552Kb / 2P
   Surface Mount Optically Coupled Isolator
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
logo
ISOCOM COMPONENTS
4N35 ISOCOM-4N35 Datasheet
78Kb / 3P
   OPTICALLY COUPLED ISOLATOR
CNX72A ISOCOM-CNX72A_10 Datasheet
753Kb / 3P
   OPTICALLY COUPLED ISOLATOR
CQY80X ISOCOM-CQY80X_10 Datasheet
771Kb / 3P
   OPTICALLY COUPLED ISOLATOR
H11AV1X ISOCOM-H11AV1X_08 Datasheet
77Kb / 3P
   OPTICALLY COUPLED ISOLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com