Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4314B-AFP Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # U4314B-AFP
Description  Logarithmic AM Demodulator/RSSI
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4314B-AFP Datasheet(HTML) 2 Page - TEMIC Semiconductors

  U4314B-AFP Datasheet HTML 1Page - TEMIC Semiconductors U4314B-AFP Datasheet HTML 2Page - TEMIC Semiconductors U4314B-AFP Datasheet HTML 3Page - TEMIC Semiconductors U4314B-AFP Datasheet HTML 4Page - TEMIC Semiconductors U4314B-AFP Datasheet HTML 5Page - TEMIC Semiconductors U4314B-AFP Datasheet HTML 6Page - TEMIC Semiconductors U4314B-AFP Datasheet HTML 7Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TELEFUNKEN Semiconductors
U4314B
Rev. A1: 26.06.1995
2 (7)
Pin Description
1
2
3
4
8
7
6
5
95 10461
GND
GND
GND
AMout
VS
VRef
GND
IFin
Figure 2. Pin description
Pin
Symbol
Function
1, 2,
3, 6
GND
Ground
4
AMout
RSSI / AM current output
5
IFin
IF input
7
VRef
Reference voltage
8
VS
Supply voltage
Absolute Maximum Ratings
Parameters
Symbol
Value
Unit
Supply voltage
VS
13
V
Power dissipation at Tamb = 85°C
Ptot
220
mW
Junction temperature
Tj
125
°C
Ambient temperature
Tamb
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
RthJA
180
K/W


Similar Part No. - U4314B-AFP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
U431 VISHAY-U431 Datasheet
53Kb / 6P
   Matched N-Channel Pairs
Rev. E, 04-Jun-01
logo
TEMIC Semiconductors
U4311B TEMIC-U4311B Datasheet
167Kb / 14P
   Low-current Superhet Remote Control Receiver
U4311B-C TEMIC-U4311B-C Datasheet
167Kb / 14P
   Low-current Superhet Remote Control Receiver
U4311B-CFL TEMIC-U4311B-CFL Datasheet
167Kb / 14P
   Low-current Superhet Remote Control Receiver
logo
ATMEL Corporation
U4311B-FS ATMEL-U4311B-FS Datasheet
86Kb / 13P
   Low-Current Superhet Remote Control Receiver
More results

Similar Description - U4314B-AFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25R3909 STMICROELECTRONICS-ST25R3909 Datasheet
134Kb / 3P
   AM/PM demodulator
November 2016 Rev 1
ST25R3910 STMICROELECTRONICS-ST25R3910 Datasheet
1Mb / 65P
   AM/PM demodulator
February 2017 Rev 2
logo
Linear Technology
LT5502 LINER-LT5502_15 Datasheet
240Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
LT5502 LINER-LT5502 Datasheet
237Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
logo
List of Unclassifed Man...
TDA1046 ETC-TDA1046 Datasheet
128Kb / 8P
   AM-Empfangerschaltung mit Demodulator
logo
Infineon Technologies A...
TDA4001 INFINEON-TDA4001 Datasheet
284Kb / 8P
   AM Receiver IC with Demodulator
logo
Zarlink Semiconductor I...
SL623 ZARLINK-SL623 Datasheet
69Kb / 4P
   AM DETECTOR, AGC AMPLIFIER & SSB DEMODULATOR
logo
Sanyo Semicon Device
LA1826 SANYO-LA1826 Datasheet
331Kb / 16P
   AM/FM Tuner with MPX Stereo Demodulator
logo
TEMIC Semiconductors
U4488B TEMIC-U4488B Datasheet
272Kb / 9P
   Quasi-Split Sound Circuit and AM Demodulator
logo
NXP Semiconductors
TDA3825 PHILIPS-TDA3825 Datasheet
166Kb / 18P
   Quasi split-sound circuit and AM demodulator
January 1993
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com