Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4314B Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part # U4314B
Description  Logarithmic AM Demodulator/RSSI
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4314B Datasheet(HTML) 5 Page - TEMIC Semiconductors

  U4314B Datasheet HTML 1Page - TEMIC Semiconductors U4314B Datasheet HTML 2Page - TEMIC Semiconductors U4314B Datasheet HTML 3Page - TEMIC Semiconductors U4314B Datasheet HTML 4Page - TEMIC Semiconductors U4314B Datasheet HTML 5Page - TEMIC Semiconductors U4314B Datasheet HTML 6Page - TEMIC Semiconductors U4314B Datasheet HTML 7Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TELEFUNKEN Semiconductors
U4314B
Rev. A1: 26.06.1995
5 (7)
10
30
50
70
90
0
20
40
60
80
120
IF–Input Level ( dB
mV )
110
95 10462
100
+85
°C
+25
°C
–40
°C
Figure 10. AM-demodulator characteristic (fin = 10.7 MHz)
0
2040
6080
0
10
20
30
40
70
IF–Input Level ( dB
mV )
100
95 10335
50
60
Figure 11. IAMout of U4314B in the application circuit of
figure 12 (fin = 107 MHz)
The following circuit is a mere proposal, how to improve
sensitivity and extend the dynamic range of U4314B to
more than 90 dB. However in most applications the basic
dynamic range of more than 60 dB is sufficient. TEMIC
TELEFUNKEN microelectronic GmbH makes no repre-
sentation that the use of this circuit will not refringe on
existing or future patents and no responsibility for the use
of the information contained herein is assumed. This
circuit is neither optimized concerning tolerances of the
components nor tested versus temperature. It should work
with a single supply voltage of 3 to 12 V. A npn transistor
array CA3045 or similar is used. At least four transistors
are needed to realize two current mirrors and the fifth acts
as a preamplifier. The variable resistor P1 is used to com-
pensate the quiescent current of the logarithmic
demodulator output and may be replaced by a fixed resis-
tor (typ. 3.3 k
W). The total supply current depends on the
IF-input level and varies between 2 and 7 mA. It is mainly
determined by the current through the PIN diode. We
recommend to use the BA679S PIN diode available from
TEMIC TELEFUNKEN microelectronic GmbH. The
input impedance of this application circuit is approxi-
mately 1.5 k
W || 13 pF.


Similar Part No. - U4314B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
U431 VISHAY-U431 Datasheet
53Kb / 6P
   Matched N-Channel Pairs
Rev. E, 04-Jun-01
logo
TEMIC Semiconductors
U4311B TEMIC-U4311B Datasheet
167Kb / 14P
   Low-current Superhet Remote Control Receiver
U4311B-C TEMIC-U4311B-C Datasheet
167Kb / 14P
   Low-current Superhet Remote Control Receiver
U4311B-CFL TEMIC-U4311B-CFL Datasheet
167Kb / 14P
   Low-current Superhet Remote Control Receiver
logo
ATMEL Corporation
U4311B-FS ATMEL-U4311B-FS Datasheet
86Kb / 13P
   Low-Current Superhet Remote Control Receiver
More results

Similar Description - U4314B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25R3909 STMICROELECTRONICS-ST25R3909 Datasheet
134Kb / 3P
   AM/PM demodulator
November 2016 Rev 1
ST25R3910 STMICROELECTRONICS-ST25R3910 Datasheet
1Mb / 65P
   AM/PM demodulator
February 2017 Rev 2
logo
Linear Technology
LT5502 LINER-LT5502_15 Datasheet
240Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
LT5502 LINER-LT5502 Datasheet
237Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
logo
List of Unclassifed Man...
TDA1046 ETC-TDA1046 Datasheet
128Kb / 8P
   AM-Empfangerschaltung mit Demodulator
logo
Infineon Technologies A...
TDA4001 INFINEON-TDA4001 Datasheet
284Kb / 8P
   AM Receiver IC with Demodulator
logo
Zarlink Semiconductor I...
SL623 ZARLINK-SL623 Datasheet
69Kb / 4P
   AM DETECTOR, AGC AMPLIFIER & SSB DEMODULATOR
logo
Sanyo Semicon Device
LA1826 SANYO-LA1826 Datasheet
331Kb / 16P
   AM/FM Tuner with MPX Stereo Demodulator
logo
TEMIC Semiconductors
U4488B TEMIC-U4488B Datasheet
272Kb / 9P
   Quasi-Split Sound Circuit and AM Demodulator
logo
NXP Semiconductors
TDA3825 PHILIPS-TDA3825 Datasheet
166Kb / 18P
   Quasi split-sound circuit and AM demodulator
January 1993
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com