Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDS8161 Datasheet(PDF) 7 Page - IXYS Corporation

Part # LDS8161
Description  6-Channel / 4-Channel High-Side Linear WLED Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8161 Datasheet(HTML) 7 Page - IXYS Corporation

Back Button LDS8161 Datasheet HTML 3Page - IXYS Corporation LDS8161 Datasheet HTML 4Page - IXYS Corporation LDS8161 Datasheet HTML 5Page - IXYS Corporation LDS8161 Datasheet HTML 6Page - IXYS Corporation LDS8161 Datasheet HTML 7Page - IXYS Corporation LDS8161 Datasheet HTML 8Page - IXYS Corporation LDS8161 Datasheet HTML 9Page - IXYS Corporation LDS8161 Datasheet HTML 10Page - IXYS Corporation LDS8161 Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LDS8161/41
© 2009 IXYS Corp.
7
Doc. No. 8141/61_DS, Rev. N1.0
Characteristics subject to change without notice
A0h
Silicon diode dVF/dT [7:0]
8
Silicon diode VF temperature coefficient (K factor) :
Factory recommended loaded value is 36h = -1.71 mV/°C =
001 10110 (bin),
where bits from bit 7 to bit 5 represent integer part
[1(decimal) = 001 (bin)], and bits from bit 4 to bit 0 – fractional
part [0.710 / 0.03125 = 22 (decimal) = 10110 (bin)]
A2h
LED dVF/dT [7:0]
8
User-loaded VF temperature coefficient @ 1mA for LEDs
used at Banks A, B, C respectively.
Negative tracking is assumed with temperature;
Bits from bit 7 to bit 5 represent integer part and
bits from bit 4 to bit 0 - fractional part of the coefficient
Example: Temperature coefficient = -2.26 mV/
0C;
Bit 7 – bit 6 = 2 (decimal) = 010 (bin), and
Bit 4 – bit 0 = INT{0.26 / 0.03125} = 8 (decimal) = 01000 (bin)
User loads 010 01000 (bin) = 48h = -2.25 (closest setting)
C0h
Silicon
diode η[7:0]
8
Silicon
diode η(eta, or non-ideality factor):
Factory recommended loaded value is default is 1.00 =
01000000(bin) = 40h
Bits from bit 7 to bit 5 represent integer part and
bits from bit 4 to bit 0 - fractional part (resolution = 0.015625
per LSB)
Example:
η= 1.00;
Bit 7 – bit 6 = 1 (decimal) = 01 (bin), and
Bit 5 – bit 0 = INT{0.00 / 0.015625} = 0 (dec) = 000000 (bin)
User loads 01 000000 = 40h = 1.00
D4h
Silicon diode Rs offset
[7:0]
8
Silicon diode series resistance offset
Factory recommended loaded value = 04h = ~ 68 ohms
Formula (decimal) = 8192 x [(68 ohms x 8 x 10
- 6 A)/1.14 V]
D6h
LED Rs offset [7:0]
8
LED Rs offset (user-loaded) for Banks A, B, and C LEDs
Typically LED Rs = 5 – 30
Ω
User loads per LED used. (1/slope of high current region of
LED I-V characteristic).
Formula (decimal) = 8192 x [(Rs
Ωx 8 x 10
- 4 A) / 1.14V]
Table 1
Channel Enable Register
Register
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
03h
(8161)
LED
OT
Flag
N/A
Enable C2
Enable C1
Enable B2
Enable B1
Enable A2
Enable A1
(8141)
Same
N/A
N/A
N/A
Same
Same
Same
Same
Table 2
Digital Test Modes Register
Register
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Factory
Only
Factory
Only
Diagnostics
Request
Slow Ramp
Bypass = 1
Fast PWM
adjust =1
Factory
Only
Post ADC Filter
Enable =1
Factory
Only
19h
0*
0*
0*
0*
Normal = 0*
0*
Filter Off=0*
0*
Note: *) Value by default


Similar Part No. - LDS8161

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8160 IXYS-LDS8160 Datasheet
656Kb / 39P
   Dual-Output RGB / 6-Channel WLED Driver
More results

Similar Description - LDS8161

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2845 MICREL-MIC2845 Datasheet
1Mb / 21P
   6 Channel High Side Current Source WLED driver
logo
SHANGHAI BELLING CO., L...
BL8088 BELLING-BL8088 Datasheet
394Kb / 5P
   8-Channel WLED Linear Driver
BL8584 BELLING-BL8584 Datasheet
169Kb / 5P
   6-Channels WLED Linear Driver
logo
Micrel Semiconductor
MIC2843 MICREL-MIC2843 Datasheet
1Mb / 15P
   High-Efficiency 6-Channel Linear WLED Driver with Ultra-Fast PWM??Control
logo
IXYS Corporation
LDS8160 IXYS-LDS8160 Datasheet
656Kb / 39P
   Dual-Output RGB / 6-Channel WLED Driver
logo
Allegro MicroSystems
A8503 ALLEGRO-A8503 Datasheet
409Kb / 17P
   High Efficiency 6-Channel, 2 MHz, WLED/RGB Driver
logo
Micrel Semiconductor
MIC2843A MICREL-MIC2843A Datasheet
905Kb / 13P
   High Efficiency 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4812_1104 MICREL-MIC4812_1104 Datasheet
688Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4811 MICREL-MIC4811 Datasheet
563Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4811_1104 MICREL-MIC4811_1104 Datasheet
648Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com