Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LDS8160 Datasheet(PDF) 28 Page - IXYS Corporation

Part No. LDS8160
Description  Dual-Output RGB / 6-Channel WLED Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8160 Datasheet(HTML) 28 Page - IXYS Corporation

Back Button LDS8160 Datasheet HTML 24Page - IXYS Corporation LDS8160 Datasheet HTML 25Page - IXYS Corporation LDS8160 Datasheet HTML 26Page - IXYS Corporation LDS8160 Datasheet HTML 27Page - IXYS Corporation LDS8160 Datasheet HTML 28Page - IXYS Corporation LDS8160 Datasheet HTML 29Page - IXYS Corporation LDS8160 Datasheet HTML 30Page - IXYS Corporation LDS8160 Datasheet HTML 31Page - IXYS Corporation LDS8160 Datasheet HTML 32Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
LDS8160
© 2009 IXYS Corp.
28
Doc. No. 8160_DS, Rev. N1.0
Characteristics subject to change without notice
Table A1.1: RGB
ΔPWM LUT tables for this Nichia NSSM038AT-E device with 15mA nominal current at
25
0C
Temperature
Red T-code
Green T-code
Blue T-code
Scale
-35
-1
-1
0
1-x
-30
-2
0
0
1-x
-25
-1
-1
0
1-x
-20
-1
0
0
1-x
-15
-2
-1
0
1-x
-10
-1
0
0
1-x
-5
-2
-1
0
1-x
0
-2
0
0
1-x
5
-1
0
0
1-x
10
-1
-1
0
1-x
15
-2
0
0
1-x
20
-2
0
0
1-x
25
0
0
0
1-x
30
2
0
0
1-x
35
2
0
0
1-x
40
2
1
0
1-x
45
2
0
0
1-x
50
2
1
0
1-x
55
-3
-3
-3
2-x*
60
-3
-3
-3
2-x
65
-3
-3
-3
2-x
70
-4
-4
-4
2-x
75
-4
-4
-4
2-x
80
-5
-5
-5
2-x
85
-6
-6
-6
2-x
86
0
0
0
Shutdown**
90
0
0
0
Shutdown
95
0
0
0
Shutdown
100
0
0
0
Shutdown
105
0
0
0
Shutdown
110
0
0
0
Shutdown
115
0
0
0
Shutdown
120
0
0
0
Shutdown
Note:
*) Register 4Bh should be loaded with bit 5 = 1 and bits from Bit 4 to Bit 0 with T-code at 55
0
C (10011 (bin)), i.e.
register 4Bh should be addressed with data 11 0011 (bin) = 33h (see Table 7 of LDS8160 datasheet).
**) Register 4Ah should be loaded with bits from Bit 4 to Bit 0 with T-code at 85
0
C (11000 (bin)), i.e. register 4Bh should
be addressed with data 11000 (bin) = 18h (see Table 7 of LDS8160 datasheet).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn