Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDS8160 Datasheet(PDF) 23 Page - IXYS Corporation

Part # LDS8160
Description  Dual-Output RGB / 6-Channel WLED Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8160 Datasheet(HTML) 23 Page - IXYS Corporation

Back Button LDS8160 Datasheet HTML 19Page - IXYS Corporation LDS8160 Datasheet HTML 20Page - IXYS Corporation LDS8160 Datasheet HTML 21Page - IXYS Corporation LDS8160 Datasheet HTML 22Page - IXYS Corporation LDS8160 Datasheet HTML 23Page - IXYS Corporation LDS8160 Datasheet HTML 24Page - IXYS Corporation LDS8160 Datasheet HTML 25Page - IXYS Corporation LDS8160 Datasheet HTML 26Page - IXYS Corporation LDS8160 Datasheet HTML 27Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
LDS8160
© 2009 IXYS Corp.
23
Doc. No. 8160_DS, Rev. N1.0
Characteristics subject to change without notice
ORDERING INFORMATION
Part Number
Package
Package Marking
LDS8160 002-T2
TQFN-16 3 x 3mm
(1)
8160
Notes:
1.
Matte-Tin Plated Finish (RoHS-compliant)
2.
Quantity per reel is 2000
EXAMPLE OF ORDERING INFORMATION
Notes:
1)
All packages are RoHS-compliant (Lead-free, Halogen-free).
2)
The standard lead finish is Matte-Tin.
3)
The device used in the above example is a LDS8160A 002–T2 (3x3 TQFN, Tape & Reel).
4)
For additional package and temperature options, please contact your nearest IXYS Corp. Sales office.
Optional
Company ID
Package
002: 3x3 TQFN
Prefix
Device #
Suffix
LDS
8160
002
T2
Product Number
Tape & Reel
T: Tape & Reel
2: 2000/Reel


Similar Part No. - LDS8160

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8161 IXYS-LDS8161 Datasheet
402Kb / 22P
   6-Channel / 4-Channel High-Side Linear WLED Driver
More results

Similar Description - LDS8160

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8503 ALLEGRO-A8503 Datasheet
409Kb / 17P
   High Efficiency 6-Channel, 2 MHz, WLED/RGB Driver
A8511 ALLEGRO-A8511 Datasheet
579Kb / 24P
   2 MHz, 4 Channel 횞 150 mA WLED/RGB Driver
A8504 ALLEGRO-A8504 Datasheet
556Kb / 18P
   WLED/RGB Backlight Driver for Medium Size LCDs
logo
Texas Instruments
TPS61150A TI-TPS61150A Datasheet
686Kb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
TPS61150 TI-TPS61150 Datasheet
678Kb / 21P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
TPS61150 TI1-TPS61150 Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output Boost WLED Driver Using Single Inductor
logo
Allegro MicroSystems
A8501 ALLEGRO-A8501 Datasheet
559Kb / 24P
   2 MHz, 4 Channel100 mA WLED/RGB Driver
logo
Micrel Semiconductor
MIC2845 MICREL-MIC2845 Datasheet
1Mb / 21P
   6 Channel High Side Current Source WLED driver
logo
IXYS Corporation
LDS8161 IXYS-LDS8161 Datasheet
402Kb / 22P
   6-Channel / 4-Channel High-Side Linear WLED Driver
logo
SHANGHAI BELLING CO., L...
BL8584 BELLING-BL8584 Datasheet
169Kb / 5P
   6-Channels WLED Linear Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com