Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LDS8160 Datasheet(PDF) 16 Page - IXYS Corporation

Part No. LDS8160
Description  Dual-Output RGB / 6-Channel WLED Driver
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IXYS [IXYS Corporation]
Homepage  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8160 Datasheet(HTML) 16 Page - IXYS Corporation

Back Button LDS8160 Datasheet HTML 12Page - IXYS Corporation LDS8160 Datasheet HTML 13Page - IXYS Corporation LDS8160 Datasheet HTML 14Page - IXYS Corporation LDS8160 Datasheet HTML 15Page - IXYS Corporation LDS8160 Datasheet HTML 16Page - IXYS Corporation LDS8160 Datasheet HTML 17Page - IXYS Corporation LDS8160 Datasheet HTML 18Page - IXYS Corporation LDS8160 Datasheet HTML 19Page - IXYS Corporation LDS8160 Datasheet HTML 20Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
LDS8160
© 2009 IXYS Corp.
16
Doc. No. 8160_DS, Rev. N1.0
Characteristics subject to change without notice
Temperature vs. PWM Duty Cycle Profiles
The user must load the PWM correction look up
tables (LUTs) prior to operation. For the LDS8160 all
three tables, LUT-B, LUT-G and LUT-R require
loading (even if using same data for a WLED
application) with the user correction profiles prior to
operation. For RGB applications, LUT-B which drives
LEDA1 And LEDA2 respectively should be assigned
as the Blue color channel. LUT-G which drives
LEDB1 and LEDB2 should be assigned as the Green
color channel, and LUT-R which drives LEDC1 and
LEDC2 should be the RED channel.
The correction tables are based upon LED vendor
characteristics for luminosity vs temperature and
current, LED current de-rating specifications, and
user system thermal design parameters. Figure 7
shows an actual Luminosity vs. Temperature curve of
the NSSM038AT-E RGB LED available from Nichia
Corp.
Figure 7: Luminosity vs. Temperature curve
(NSSM038AT-E RGB LED from Nichia)
Figure 8 shows the typical LED characteristic of
decreasing illumination over temperature, but each
color changes differently. This results in white light
color shifts over temperature if not accounted for. It is
typical to see RED LED Luminosity vs Temperature
to change by ± 50% relative to the 25ºC level.
Figure 9 shows that luminosity is linearly dependent
with LED forward currents
≤30 mA. Therefore loss of
LED
luminosity
over
temperature
can
be
compensated for by associated increases in LED
current.
Figure 9 gives the total RGB Power de-rating
specification for the same Nichia NSSM038AT-E
RGB LED. Total power is the combined power (VF x
IF) of each color LED.
This curve specifies the
maximum
RGB
LED
power
that
insures
not
exceeding
the
maximum
specified
junction
temperature
with
maximum
ambient
operating
temperature of 85ºC.
Figure 8:
Luminosity vs. LED Forward Current
for Nichia NSSM038AT-E RGB LED
Figure 9: Total power (combined R, G, and B
diodes) power de-rating curve
(NSSM038AT-E RGB LED from Nichia)
Figure 10 shows the final plot of typical LDS8160
PWM
LUT
correction
profiles
that
could
be
programmed by the user to adjust for this RGB LED.
This accumulated correction takes into account both
the Luminosity vs Temperature variations and the
adjustments to meet the higher temperature power
de-rating specification.
Given
the
5ºC
increments
of
the
temperature
adjustment intervals for the LDS8160, the currents
are slowly ramped to equalize loss of light output
before the de-rating profile begins. Once de-rating
begins, the PWM duty cycle is reduced, lowering LED
driver current, to insure meeting and regulating to the
desired maximum operating temperature.
0
~ linear from
0 -30 mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn