Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LDS8160 Datasheet(PDF) 12 Page - IXYS Corporation

Part No. LDS8160
Description  Dual-Output RGB / 6-Channel WLED Driver
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IXYS [IXYS Corporation]
Homepage  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8160 Datasheet(HTML) 12 Page - IXYS Corporation

Back Button LDS8160 Datasheet HTML 8Page - IXYS Corporation LDS8160 Datasheet HTML 9Page - IXYS Corporation LDS8160 Datasheet HTML 10Page - IXYS Corporation LDS8160 Datasheet HTML 11Page - IXYS Corporation LDS8160 Datasheet HTML 12Page - IXYS Corporation LDS8160 Datasheet HTML 13Page - IXYS Corporation LDS8160 Datasheet HTML 14Page - IXYS Corporation LDS8160 Datasheet HTML 15Page - IXYS Corporation LDS8160 Datasheet HTML 16Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
LDS8160
© 2009 IXYS Corp.
12
Doc. No. 8160_DS, Rev. N1.0
Characteristics subject to change without notice
PIN DESCRIPTION
Pin #
Name
Function
1
SCLK
I
2C Serial clock input
2
SDAT
I
2C Serial data input/output
3
SADD
I
2C Serial interface Addresses Programming
4
GND
Ground Reference
6
EN
Device enable (active high)
8
LEDC2
LEDC2 anode terminal
9
LEDC1
LEDC1 anode terminal
10
LEDB2
LEDB2 anode terminal
11
LEDB1
LEDB1 anode terminal
12
LEDA2
LEDA2 anode terminal
13
LEDA1
LEDA1 anode terminal
14
VIN
Power Source Input; connect to battery or supply
15
TST
Test pin
5, 7, 16
NC
Not connect (no internal connect to the device)
PAD
PAD
Connect to GND on the PCB
Top view: TQFN 16-lead 3 X 3 mm
PIN FUNCTION
VIN is the supply pin. A small 1μF ceramic bypass
capacitor is required between the VIN pin and ground
near the device. The operating input voltage range is
from 2.3 V to 5.5 V.
EN is the enable input for the device. Guaranteed
levels of logic high and logic low are set at 1.3 V and
0.4V respectively. When EN is initially taken high, the
device becomes enabled and can communicate
through I
2C interface after a 500 µsec wakeup
(initialization) period.
SDAT is the I
2C serial data line. This is a bidirectional
line allowing data to be written into and read from the
registers of the LDS8160
SCLK is the I
2C serial clock input.
SADD is I
2C Serial interface Addresses Programming
pin that allows choice of one of four I
2C addresses
preprogrammed in device.
GND is the ground reference for internal circuitry.
The pin must be connected to the ground plane on
the PCB.
LEDA1 – LEDC2 provide the internal regulated
current sources for each of the LED anodes. These
pins
enter
high-impedance
zero
current
state
whenever the device is in shutdown mode.
PAD is the exposed pad underneath the package.
For best thermal performance, the tab should be
soldered to the PCB and connected to the ground
plane
TST is a test pin used by factory only. Leave it
floating (no external connection)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn