Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8N4DV75BG-0000CDI8 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 8N4DV75BG-0000CDI8
Description  Quad-Frequency Programmable VCXO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8N4DV75BG-0000CDI8 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 8N4DV75BG-0000CDI8 Datasheet HTML 5Page - Integrated Device Technology 8N4DV75BG-0000CDI8 Datasheet HTML 6Page - Integrated Device Technology 8N4DV75BG-0000CDI8 Datasheet HTML 7Page - Integrated Device Technology 8N4DV75BG-0000CDI8 Datasheet HTML 8Page - Integrated Device Technology 8N4DV75BG-0000CDI8 Datasheet HTML 9Page - Integrated Device Technology 8N4DV75BG-0000CDI8 Datasheet HTML 10Page - Integrated Device Technology 8N4DV75BG-0000CDI8 Datasheet HTML 11Page - Integrated Device Technology 8N4DV75BG-0000CDI8 Datasheet HTML 12Page - Integrated Device Technology 8N4DV75BG-0000CDI8 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
IDT8N4QV01GCD REVISION A MARCH 11, 2014
9
©2014 Integrated Device Technology, Inc.
IDT8N4QV01 REV G DATA SHEET
QUAD-FREQUENCY PROGRAMMABLE-VCXO
Table 6B. AC Characteristics, VDD = 3.3V ±5% or 2.5V ±5%, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions. All AC parameters are characterized with P=1 and pull range ±250 ppm.
NOTE: XTAL parameters (initial accuracy, temperature stability, aging and total stability) are guaranteed by manufacturing.
NOTE 1: This parameter is defined in accordance with JEDEC standard 65.
NOTE 2: Please refer to the phase noise plots.
NOTES continued on next page.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency Q, nQ
Output Divider, N = 3 to126
15.476
866.67
MHz
Output Divider, N = 2
975
1,300
MHz
fVCO
VCO Frequency
1980
2600
MHz
fI
Initial Accuracy
Measured at 25°C
±10
ppm
fS
Temperature Stability
Option code=AorB
±100
ppm
Option code=EorF
±50
ppm
Option code=KorL
±20
ppm
fA
Aging
Frequency drift over 10 year life
±3
ppm
Frequency drift over 15 year life
±5
ppm
fT
Total Stability
Option code A or B (10 year life)
±113
ppm
Option code E or F (10 year life)
±63
ppm
Option code K or L (10 year life)
±33
ppm
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 1
20
ps
tjit(per)
Period Jitter; NOTE 1
2.85
4
ps
tjit(Ø)
RMS Phase Jitter (Random)
Fractional PLL feedback and
fXTAL=114.285MHz (0xxx order
codes)
17MHz fOUT 1300MHz,
NOTE 2,3,4
0.475
0.990
ps
f
OUT 156.25MHz, NOTE 2, 3, 4
0.494
0.757
ps
f
OUT 156.25MHz, NOTE 2, 3, 5
0.594
ps
N(100)
Single-side band phase noise,
100 Hz from Carrier
156.25MHz
-73.8
dBc/Hz
N(1k)
Single-side band phase noise,
1kHz from Carrier
156.25MHz
-99.8
dBc/Hz
N(10k)
Single-side band phase noise,
10kHz from Carrier
156.25MHz
-126.1
dBc/Hz
N(100k)
Single-side band phase noise,
100kHz from Carrier
156.25MHz
-129.3
dBc/Hz
N(1M)
Single-side band phase noise,
1MHz from Carrier
156.25MHz
-140.3
dBc/Hz
N(10M)
Single-side band phase noise,
10MHz from Carrier
156.25MHz
-144.3
dBc/Hz
PSNR
Power Supply Noise Rejection
50mV Sinusoidal Noise
1kHz - 50MHz
-54
db
tR /tF
Output Rise/Fall Time
20% to 80%
100
425
ps
odc
Output Duty Cycle
45
55
%
tOSC
Oscillator Start-Up Time
20
ms
tSET
Output Frequency Settling Time
after FSEL0 and FSEL1 Values
are Changed
470
µs


Similar Part No. - 8N4DV75BG-0000CDI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8N4DV75BC-0000CDI8 RENESAS-8N4DV75BC-0000CDI8 Datasheet
725Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
8N4DV75BC-0000CDI8 RENESAS-8N4DV75BC-0000CDI8 Datasheet
1Mb / 20P
   LVPECL Frequency-Programmable Crystal Oscillator
2019
8N4DV75BC-0999CDI8 RENESAS-8N4DV75BC-0999CDI8 Datasheet
725Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
8N4DV75BC-0999CDI8 RENESAS-8N4DV75BC-0999CDI8 Datasheet
1Mb / 20P
   LVPECL Frequency-Programmable Crystal Oscillator
2019
8N4DV75BC-1000CDI8 RENESAS-8N4DV75BC-1000CDI8 Datasheet
725Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
More results

Similar Description - 8N4DV75BG-0000CDI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT8N3QV01 RENESAS-IDT8N3QV01 Datasheet
440Kb / 24P
   Quad-Frequency Programmable VCXO
MARCH 6, 2012
logo
Integrated Device Techn...
IDT8N4QV01 IDT-IDT8N4QV01 Datasheet
193Kb / 20P
   Quad-Frequency Programmable VCXO
logo
Renesas Technology Corp
IDT8N0QV01 RENESAS-IDT8N0QV01 Datasheet
836Kb / 20P
   Quad-Frequency Programmable VCXO
MARCH 13, 2014
IDT8N4QV01 RENESAS-IDT8N4QV01 Datasheet
868Kb / 21P
   Quad-Frequency Programmable VCXO
MARCH 11, 2014
logo
Integrated Device Techn...
IDT8N3QV01 IDT-IDT8N3QV01 Datasheet
236Kb / 23P
   Quad-Frequency Programmable VCXO
logo
Renesas Technology Corp
IDT8N3SV76 RENESAS-IDT8N3SV76 Datasheet
877Kb / 21P
   LVPECL Frequency-Programmable VCXO
2019
IDT8N3SV75 RENESAS-IDT8N3SV75 Datasheet
784Kb / 20P
   LVPECL Frequency-Programmable VCXO
2019
IDT8N4SV75 RENESAS-IDT8N4SV75 Datasheet
545Kb / 20P
   LVDS Frequency-Programmable VCXO
NOVEMBER 6, 2013
logo
Vectron International, ...
VX-724 VECTRON-VX-724 Datasheet
726Kb / 9P
   Quad Frequency HPLL VCXO
logo
Renesas Technology Corp
IDT8N4DV85 RENESAS-IDT8N4DV85 Datasheet
932Kb / 19P
   LVDS Dual-Frequency Programmable VCXO
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com