Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8N4DV76AG-0000CDI8 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 8N4DV76AG-0000CDI8
Description  Quad-Frequency Programmable VCXO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8N4DV76AG-0000CDI8 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 8N4DV76AG-0000CDI8 Datasheet HTML 2Page - Integrated Device Technology 8N4DV76AG-0000CDI8 Datasheet HTML 3Page - Integrated Device Technology 8N4DV76AG-0000CDI8 Datasheet HTML 4Page - Integrated Device Technology 8N4DV76AG-0000CDI8 Datasheet HTML 5Page - Integrated Device Technology 8N4DV76AG-0000CDI8 Datasheet HTML 6Page - Integrated Device Technology 8N4DV76AG-0000CDI8 Datasheet HTML 7Page - Integrated Device Technology 8N4DV76AG-0000CDI8 Datasheet HTML 8Page - Integrated Device Technology 8N4DV76AG-0000CDI8 Datasheet HTML 9Page - Integrated Device Technology 8N4DV76AG-0000CDI8 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
IDT8N4QV01GCD REVISION A MARCH 11, 2014
6
©2014 Integrated Device Technology, Inc.
IDT8N4QV01 REV G DATA SHEET
QUAD-FREQUENCY PROGRAMMABLE-VCXO
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress
specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC Characteristics or AC
Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
Supply Voltage, VDD
3.63V
Inputs, VI
-0.5V to VDD + 0.5V
Outputs, IO (SDATA)
Outputs, IO (LVDS)
Continuous Current
Surge Current
10mA
10mA
15mA
Package Thermal Impedance, JA
49.4C/W (0 mps)
Storage Temperature, TSTG
-65Cto150C
DC Electrical Characteristics
Table 5A. Power Supply DC Characteristics, VDD = 3.3V ±5%, TA = -40°C to 85°C
Table 5B. Power Supply DC Characteristics, VDD = 2.5V ±5%, TA = -40°C to 85°C
Item
Rating
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Power Supply Voltage
3.135
3.3
3.465
V
IDD
Power Supply Current
160
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Power Supply Voltage
2.375
2.5
2.625
V
IDD
Power Supply Current
155
mA


Similar Part No. - 8N4DV76AG-0000CDI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8N4DV76AC-0000CDI8 RENESAS-8N4DV76AC-0000CDI8 Datasheet
725Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
8N4DV76AC-0000CDI8 RENESAS-8N4DV76AC-0000CDI8 Datasheet
1Mb / 20P
   LVPECL Frequency-Programmable Crystal Oscillator
2019
8N4DV76AC-0999CDI8 RENESAS-8N4DV76AC-0999CDI8 Datasheet
725Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
8N4DV76AC-0999CDI8 RENESAS-8N4DV76AC-0999CDI8 Datasheet
1Mb / 20P
   LVPECL Frequency-Programmable Crystal Oscillator
2019
8N4DV76AC-1000CDI8 RENESAS-8N4DV76AC-1000CDI8 Datasheet
725Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
More results

Similar Description - 8N4DV76AG-0000CDI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT8N3QV01 RENESAS-IDT8N3QV01 Datasheet
440Kb / 24P
   Quad-Frequency Programmable VCXO
MARCH 6, 2012
logo
Integrated Device Techn...
IDT8N4QV01 IDT-IDT8N4QV01 Datasheet
193Kb / 20P
   Quad-Frequency Programmable VCXO
logo
Renesas Technology Corp
IDT8N0QV01 RENESAS-IDT8N0QV01 Datasheet
836Kb / 20P
   Quad-Frequency Programmable VCXO
MARCH 13, 2014
IDT8N4QV01 RENESAS-IDT8N4QV01 Datasheet
868Kb / 21P
   Quad-Frequency Programmable VCXO
MARCH 11, 2014
logo
Integrated Device Techn...
IDT8N3QV01 IDT-IDT8N3QV01 Datasheet
236Kb / 23P
   Quad-Frequency Programmable VCXO
logo
Renesas Technology Corp
IDT8N3SV76 RENESAS-IDT8N3SV76 Datasheet
877Kb / 21P
   LVPECL Frequency-Programmable VCXO
2019
IDT8N3SV75 RENESAS-IDT8N3SV75 Datasheet
784Kb / 20P
   LVPECL Frequency-Programmable VCXO
2019
IDT8N4SV75 RENESAS-IDT8N4SV75 Datasheet
545Kb / 20P
   LVDS Frequency-Programmable VCXO
NOVEMBER 6, 2013
logo
Vectron International, ...
VX-724 VECTRON-VX-724 Datasheet
726Kb / 9P
   Quad Frequency HPLL VCXO
logo
Renesas Technology Corp
IDT8N4DV85 RENESAS-IDT8N4DV85 Datasheet
932Kb / 19P
   LVDS Dual-Frequency Programmable VCXO
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com