Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8N3Q270AG-0000CDI8 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # 8N3Q270AG-0000CDI8
Description  Quad-Frequency Programmable XO
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8N3Q270AG-0000CDI8 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button 8N3Q270AG-0000CDI8 Datasheet HTML 10Page - Integrated Device Technology 8N3Q270AG-0000CDI8 Datasheet HTML 11Page - Integrated Device Technology 8N3Q270AG-0000CDI8 Datasheet HTML 12Page - Integrated Device Technology 8N3Q270AG-0000CDI8 Datasheet HTML 13Page - Integrated Device Technology 8N3Q270AG-0000CDI8 Datasheet HTML 14Page - Integrated Device Technology 8N3Q270AG-0000CDI8 Datasheet HTML 15Page - Integrated Device Technology 8N3Q270AG-0000CDI8 Datasheet HTML 16Page - Integrated Device Technology 8N3Q270AG-0000CDI8 Datasheet HTML 17Page - Integrated Device Technology 8N3Q270AG-0000CDI8 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
IDT8N3Q001 REV G Data Sheet
QUAD-FREQUENCY PROGRAMMABLE-XO
IDT8N3Q001GCD REVISION A MARCH 6, 2012
14
©2012 Integrated Device Technology, Inc.
Power Considerations
This section provides information on power dissipation and junction temperature for the IDT8N3Q001.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the IDT8N3Q001 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for VCC = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
Power (core)MAX = VCC_MAX * IEE_MAX = 3.465V * 140mA = 485.1mW
Power (outputs)MAX = 34.2mW/Loaded Output pair
Total Power_MAX (3.465V, with all outputs switching) = 485.1mW + 34.2mW = 519.3mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad directly affects the reliability of the device. The
maximum recommended junction temperature is 125°C. Limiting the internal transistor junction temperature, Tj, to 125°C ensures that the bond
wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
JA * Pd_total + TA
Tj = Junction Temperature
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
JA must be used. Assuming no air flow and
a multi-layer board, the appropriate value is 49.4°C/W per Table 7 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.519W * 49.4°C/W = 110.7°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type of
board (multi-layer).
Table 7. Thermal Resistance JA for 10 Lead Ceramic 5mm x 7mm Package, Forced Convection
JA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
49.4°C/W
44.2°C/W
41°C/W


Similar Part No. - 8N3Q270AG-0000CDI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8N3Q001AC-0000CDI8 RENESAS-8N3Q001AC-0000CDI8 Datasheet
725Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
8N3Q001AC-0000CDI8 RENESAS-8N3Q001AC-0000CDI8 Datasheet
1Mb / 20P
   LVPECL Frequency-Programmable Crystal Oscillator
2019
8N3Q001AC-0999CDI8 RENESAS-8N3Q001AC-0999CDI8 Datasheet
725Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
8N3Q001AC-0999CDI8 RENESAS-8N3Q001AC-0999CDI8 Datasheet
1Mb / 20P
   LVPECL Frequency-Programmable Crystal Oscillator
2019
8N3Q001AC-1000CDI8 RENESAS-8N3Q001AC-1000CDI8 Datasheet
725Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
More results

Similar Description - 8N3Q270AG-0000CDI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8N0Q001 IDT-IDT8N0Q001 Datasheet
446Kb / 17P
   Quad-Frequency Programmable XO
IDT8N4Q001 IDT-IDT8N4Q001 Datasheet
200Kb / 20P
   Quad-Frequency Programmable XO
logo
Renesas Technology Corp
IDT8N0Q001 RENESAS-IDT8N0Q001 Datasheet
815Kb / 18P
   Quad-Frequency Programmable XO
APRIL 4, 2014
IDT8N3Q001 RENESAS-IDT8N3Q001 Datasheet
455Kb / 22P
   Quad-Frequency Programmable XO
MARCH 6, 2012
IDT8N4Q001 RENESAS-IDT8N4Q001 Datasheet
483Kb / 21P
   Quad-Frequency Programmable XO
MARCH 6, 2012
logo
Silicon Laboratories
SI514 SILABS-SI514 Datasheet
1Mb / 36P
   ANY-FREQUENCY IC PROGRAMMABLE XO
logo
Cypress Semiconductor
CY25702 CYPRESS-CY25702 Datasheet
124Kb / 7P
   Programmable High-Frequency Crystal Oscillator (XO)
CY25702 CYPRESS-CY25702_06 Datasheet
214Kb / 6P
   Programmable High-Frequency Crystal Oscillator (XO)
logo
Oscilent Corporation
360 OSCILENT-360 Datasheet
145Kb / 3P
   Programmable XO
350 OSCILENT-350 Datasheet
143Kb / 3P
   Programmable XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com