Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8N4QV03AG-0000CDI8 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # 8N4QV03AG-0000CDI8
Description  Quad-Frequency Programmable VCXO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8N4QV03AG-0000CDI8 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button 8N4QV03AG-0000CDI8 Datasheet HTML 11Page - Integrated Device Technology 8N4QV03AG-0000CDI8 Datasheet HTML 12Page - Integrated Device Technology 8N4QV03AG-0000CDI8 Datasheet HTML 13Page - Integrated Device Technology 8N4QV03AG-0000CDI8 Datasheet HTML 14Page - Integrated Device Technology 8N4QV03AG-0000CDI8 Datasheet HTML 15Page - Integrated Device Technology 8N4QV03AG-0000CDI8 Datasheet HTML 16Page - Integrated Device Technology 8N4QV03AG-0000CDI8 Datasheet HTML 17Page - Integrated Device Technology 8N4QV03AG-0000CDI8 Datasheet HTML 18Page - Integrated Device Technology 8N4QV03AG-0000CDI8 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
IDT8N4QV01GCD REVISION A MARCH 11, 2014
15
©2014 Integrated Device Technology, Inc.
IDT8N4QV01 REV G DATA SHEET
QUAD-FREQUENCY PROGRAMMABLE-VCXO
Reliability Information
Table 8.
JA vs. Air Flow Table for a 10-lead Ceramic 5mm x 7mm Package
Transistor Count
The transistor count for IDT8N4QV01 is: 47,372
JA vs. Air Flow
Meters per Second
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
49.4°C/W
44.2°C/W
41°C/W


Similar Part No. - 8N4QV03AG-0000CDI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8N4QV03AC-0000CDI8 RENESAS-8N4QV03AC-0000CDI8 Datasheet
725Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
8N4QV03AC-0000CDI8 RENESAS-8N4QV03AC-0000CDI8 Datasheet
1Mb / 20P
   LVPECL Frequency-Programmable Crystal Oscillator
2019
8N4QV03AC-0999CDI8 RENESAS-8N4QV03AC-0999CDI8 Datasheet
725Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
8N4QV03AC-0999CDI8 RENESAS-8N4QV03AC-0999CDI8 Datasheet
1Mb / 20P
   LVPECL Frequency-Programmable Crystal Oscillator
2019
8N4QV03AC-1000CDI8 RENESAS-8N4QV03AC-1000CDI8 Datasheet
725Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
More results

Similar Description - 8N4QV03AG-0000CDI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT8N3QV01 RENESAS-IDT8N3QV01 Datasheet
440Kb / 24P
   Quad-Frequency Programmable VCXO
MARCH 6, 2012
logo
Integrated Device Techn...
IDT8N4QV01 IDT-IDT8N4QV01 Datasheet
193Kb / 20P
   Quad-Frequency Programmable VCXO
logo
Renesas Technology Corp
IDT8N0QV01 RENESAS-IDT8N0QV01 Datasheet
836Kb / 20P
   Quad-Frequency Programmable VCXO
MARCH 13, 2014
IDT8N4QV01 RENESAS-IDT8N4QV01 Datasheet
868Kb / 21P
   Quad-Frequency Programmable VCXO
MARCH 11, 2014
logo
Integrated Device Techn...
IDT8N3QV01 IDT-IDT8N3QV01 Datasheet
236Kb / 23P
   Quad-Frequency Programmable VCXO
logo
Renesas Technology Corp
IDT8N3SV76 RENESAS-IDT8N3SV76 Datasheet
877Kb / 21P
   LVPECL Frequency-Programmable VCXO
2019
IDT8N3SV75 RENESAS-IDT8N3SV75 Datasheet
784Kb / 20P
   LVPECL Frequency-Programmable VCXO
2019
IDT8N4SV75 RENESAS-IDT8N4SV75 Datasheet
545Kb / 20P
   LVDS Frequency-Programmable VCXO
NOVEMBER 6, 2013
logo
Vectron International, ...
VX-724 VECTRON-VX-724 Datasheet
726Kb / 9P
   Quad Frequency HPLL VCXO
logo
Renesas Technology Corp
IDT8N4DV85 RENESAS-IDT8N4DV85 Datasheet
932Kb / 19P
   LVDS Dual-Frequency Programmable VCXO
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com