Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKM100GB125DN Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SKM100GB125DN
Description  SEMITRANSR M Ultra Fast IGBT Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SKM100GB125DN Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SKM100GB125DN Datasheet HTML 1Page - List of Unclassifed Manufacturers SKM100GB125DN Datasheet HTML 2Page - List of Unclassifed Manufacturers SKM100GB125DN Datasheet HTML 3Page - List of Unclassifed Manufacturers SKM100GB125DN Datasheet HTML 4Page - List of Unclassifed Manufacturers SKM100GB125DN Datasheet HTML 5Page - List of Unclassifed Manufacturers SKM100GB125DN Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© by SEMIKRON
000831
B 6 – 41
SKM 100 GB 125 DN
M100G125 - 19
0,0001
0,001
0,01
0,1
1
0,00001
0,0001
0,001
0,01
0,1
1
tp
s
ZthJC
K/W
D=0,50
0,20
0,10
0,05
0,02
0,01
single pulse
M100G125 - 22
0
40
80
120
040
80
120
IF
A
IRR
A
RG=
6
20
12
9 Ω
60
M100G125 - 23
0
40
80
120
0
2500
5000
diF/dt
A/us
IRR
A
RG= 6 Ω
20
60
12
9
M100G125 - 24
0
5
10
15
20
0
2500
5000
diF/dt
A/us
Qrr
uC
RG= 6Ω
12 Ω
20
IF=
100 A
75 A
56 A
38 A
9 Ω
19 A
60
M100G125 - 20
0,0001
0,001
0,01
0,1
1
0,00001
0,0001
0,001
0,01
0,1
1
s
ZthJC
K/W
D=0,5
0,2
0,1
0,05
0,02
0,01
single pulse
tp
Fig. 19 Transient thermal impedance of IGBT
ZthJC = f (tp); D = tp / tc = tp · f
Fig. 20 Transient thermal impedance of
inverse CAL diodes Zthjc = f (tp); D = tp / tc = tp · f
Fig. 22 Typ. CAL diode peak reverse recovery
current IRR = f (IF; RG)
Fig. 23 Typ. CAL diode peak reverse recovery
current IRR = f (di/dt)
Fig. 24 Typ. CAL diode recovered charge Qrr = f (di/dt)
VCC = 600 V
Tj = 125 °C
VGE = ± 15 V
VCC = 600 V
Tj = 125 °C
VGE = ± 15 V
VCC = 600 V
Tj = 125 °C
VGE = ± 15 V
IF = 75 A


Similar Part No. - SKM100GB125DN

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM100GB125DN SEMIKRON-SKM100GB125DN Datasheet
632Kb / 6P
   Ultra Fast IGBT Module
SKM100GB125DN SEMIKRON-SKM100GB125DN_12 Datasheet
641Kb / 6P
   Ultra Fast IGBT Module
More results

Similar Description - SKM100GB125DN

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM200GB125D SEMIKRON-SKM200GB125D_07 Datasheet
697Kb / 6P
   Ultra Fast IGBT Modules
SKM400GB125D SEMIKRON-SKM400GB125D_07 Datasheet
786Kb / 6P
   Ultra Fast IGBT Modules
SKM600GA125D SEMIKRON-SKM600GA125D Datasheet
580Kb / 6P
   Ultra Fast IGBT Modules
SKM200GAR125D SEMIKRON-SKM200GAR125D Datasheet
710Kb / 6P
   Ultra Fast IGBT Modules
SKM600GA125D SEMIKRON-SKM600GA125D_11 Datasheet
634Kb / 6P
   Ultra Fast IGBT Modules
SKM400GB125D SEMIKRON-SKM400GB125D Datasheet
655Kb / 4P
   Ultra Fast IGBT Modules
SKM400GB125D SEMIKRON-SKM400GB125D_06 Datasheet
784Kb / 6P
   Ultra Fast IGBT Modules
SKM600GA125D SEMIKRON-SKM600GA125D_09 Datasheet
606Kb / 6P
   Ultra Fast IGBT Modules
SKM200GB125D SEMIKRON-SKM200GB125D Datasheet
797Kb / 4P
   Ultra Fast IGBT Modules
SKM200GB125D SEMIKRON-SKM200GB125D_06 Datasheet
695Kb / 6P
   Ultra Fast IGBT Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com