Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6241IS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6241IS8
Description  Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6241IS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6241IS8 Datasheet HTML 4Page - Linear Technology LTC6241IS8 Datasheet HTML 5Page - Linear Technology LTC6241IS8 Datasheet HTML 6Page - Linear Technology LTC6241IS8 Datasheet HTML 7Page - Linear Technology LTC6241IS8 Datasheet HTML 8Page - Linear Technology LTC6241IS8 Datasheet HTML 9Page - Linear Technology LTC6241IS8 Datasheet HTML 10Page - Linear Technology LTC6241IS8 Datasheet HTML 11Page - Linear Technology LTC6241IS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC6241/LTC6242
8
62412f
INPUT OFFSET VOLTAGE (
µV)
0
10
30
40
50
90
6241 G01
20
60
70
80
–70
–50
–30
–10
70
30
50
10
VS = ±2.5V
SO-8 PACKAGE
INPUT OFFSET VOLTAGE (
µV)
0
40
120
6241 G02
20
60
100
80
–350 –250 –150 –50
350
150
250
50
VS = ±2.5V
DD PACKAGE
DISTRIBUTION (
µV/°C)
0
4
16
14
12
6241 G03
2
6
10
8
–1.0 –0.6 –0.2
0.2
1.8
1.0
1.4
0.6
VS = ±2.5V
2 LOTS
–55
°C TO 125°C
INPUT COMMON MODE VOLTAGE (V)
–0.5
300
200
250
150
100
0
50
–50
–100
–150
–200
–250
–300
3.0
6241 G05
0
0.5
1.5
2.5
3.5
1.0
2.0
4.5
4.0
VS = 5V, 0V
TA = –55°C
TA = 125°C
TA = 25°C
COMMON MODE VOLTAGE (V)
0
1.0
2.0
3.0
4.0
0.5
1.5
2.5
3.5
4.5 5.0
1000
100
10
1
6241 G06
VS = 5V, 0V
TA = 85°C
TA = 125°C
TA = 25°C
COMMON MODE VOLTAGE (V)
–0.8 –0.6
–0.2
0.2
0.6
–0.4
0
0.4
0.8 1.0
700
100
200
300
400
500
600
–400
–300
–200
–100
0
6241 G07
VS = 5V, 0V
TA = 85°C
TA = 125°C
TA = 25°C
LOAD CURRENT (mA)
0.01
0.1
0.1
10
100
6241 G09
0.001
1
10
1
VS = 5V, 0V
TA = 125°C
TA = –55°C
TA = 25°C
TEMPERATURE (
°C)
25
45
65
85
105
35
55
75
95
115 125
1000
100
10
1
6241 G08
VCM = VS/2
VS = 5V
VS = 10V
TOTAL SUPPLY VOLTAGE (V)
0
2.0
2.5
3.0
610
6241 G04
1.5
1.0
24
812
0.5
0
3.5
TA = –55°C
TA = 125°C
TA = 25°C
VOS Distribution
VOS Distribution
VOS Temperature Coefficient
Distribution
Supply Current vs Supply Voltage
Offset Voltage vs Input Common
Mode Voltage
Input Bias Current vs Common
Mode Voltage
Input Bias Current vs
Common Mode Voltage
Input Bias Current vs Temperature
Output Saturation Voltage vs
Load Current (Output Low)
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LTC6241IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6241IS8 LINER-LTC6241IS8 Datasheet
522Kb / 28P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
More results

Similar Description - LTC6241IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6241 LINER-LTC6241_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6242 LINER-LTC6242_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6240 LINER-LTC6240_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Dimensions Semic...
LTC6240CS5-TRPBF LINEAR_DIMENSIONS-LTC6240CS5-TRPBF Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Technology
LTC6240 LINER-LTC6240 Datasheet
522Kb / 28P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678 Datasheet
297Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
logo
Analog Devices
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
   Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
logo
Linear Technology
LTC6244 LINER-LTC6244 Datasheet
455Kb / 24P
   Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com