Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC2323258A Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSC2323258A
Description  2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC2323258A Datasheet(HTML) 1 Page - OKI electronic componets

  MSC2323258A Datasheet HTML 1Page - OKI electronic componets MSC2323258A Datasheet HTML 2Page - OKI electronic componets MSC2323258A Datasheet HTML 3Page - OKI electronic componets MSC2323258A Datasheet HTML 4Page - OKI electronic componets MSC2323258A Datasheet HTML 5Page - OKI electronic componets MSC2323258A Datasheet HTML 6Page - OKI electronic componets MSC2323258A Datasheet HTML 7Page - OKI electronic componets MSC2323258A Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
¡ Semiconductor
MSC2323258A-xxBS4/DS4
77
¡ Semiconductor
MSC2323258A-xxBS4/DS4
2,097,152-Word
¥ 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
DESCRIPTION
The Oki MSC2323258A-xxBS4/DS4 is a fully decoded 2,097,152-word ¥ 32-bit CMOS dynamic
random access memory composed of two 16-Mb (1M ¥ 16) DRAMs in SOJ. The mounting of two
DRAMs together with decoupling capacitors on a 72-pin glass epoxy SIMM Package supports
any application where high density and large capacity of storage memory are required.
FEATURES
• 2,097,152-word ¥ 32-bit organization
• 72-pin SIMM
MSC2323258A-xxBS4
: Gold tab
MSC2323258A-xxDS4 : Solder tab
• Single 5 V supply
±10% tolerance
• Input
: TTL compatible
• Output : TTL compatible, 3-state, nonlatch
• Refresh : 1024 cycles/16 ms
• CAS before RAS refresh, CAS before RAS hidden refresh, RAS-only refresh capability
• Fast Page Mode with EDO capability
PRODUCT FAMILY
Family
Access Time (Max.)
Cycle Time
(Min.)
Power Dissipation
Operating (Max.) Standby (Max.)
tRAC
MSC2323258A-70BS4/DS4
2255 mW
22 mW
tAA
tCAC
70 ns
35 ns
20 ns
130 ns
MSC2323258A-60BS4/DS4
2475 mW
60 ns
30 ns
15 ns
110 ns


Similar Part No. - MSC2323258A

ManufacturerPart #DatasheetDescription
OKI electronic componets
OKI electronic componet...
MSC2323258D OKI-MSC2323258D Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2323258D-XXBS4 OKI-MSC2323258D-XXBS4 Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2323258D-XXDS4 OKI-MSC2323258D-XXDS4 Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSC2323258A

ManufacturerPart #DatasheetDescription
OKI electronic componets
OKI electronic componet...
MSC23CV23257A OKI-MSC23CV23257A Datasheet
64Kb / 10P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TA OKI-MSC23V26457TA Datasheet
82Kb / 11P
   2,097,152-Word x 64-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23232C OKI-MSC23232C Datasheet
616Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC2313258A OKI-MSC2313258A Datasheet
59Kb / 8P
   1,048,576-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2343257A OKI-MSC2343257A Datasheet
65Kb / 8P
   4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV43257A OKI-MSC23CV43257A Datasheet
68Kb / 9P
   4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257D-XXBS4 OKI-MSC23CV23257D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23268D-XXBS4 OKI-MSC23CV23268D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2323258D OKI-MSC2323258D Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2383257A OKI-MSC2383257A Datasheet
71Kb / 8P
   8,388,608-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com