Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC2323258A Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MSC2323258A
Description  2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC2323258A Datasheet(HTML) 5 Page - OKI electronic componets

  MSC2323258A Datasheet HTML 1Page - OKI electronic componets MSC2323258A Datasheet HTML 2Page - OKI electronic componets MSC2323258A Datasheet HTML 3Page - OKI electronic componets MSC2323258A Datasheet HTML 4Page - OKI electronic componets MSC2323258A Datasheet HTML 5Page - OKI electronic componets MSC2323258A Datasheet HTML 6Page - OKI electronic componets MSC2323258A Datasheet HTML 7Page - OKI electronic componets MSC2323258A Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1
¡ Semiconductor
MSC2323258A-xxBS4/DS4
81
DC Characteristics
All other pins not
Parameter
MSC2323258A
Unit
Condition
Input Leakage Current
Note
ILI
µA
1, 2
(VCC = 5 V ±10%, Ta = 0°C to 70°C)
Symbol
0 V £ VI £ 6.5 V;
under test = 0 V
DOUT disable
0 V £ VO £ 5.5 V
IOH = –5.0 mA
IOL = 4.2 mA
RAS, CAS cycling,
tRC = Min.
RAS, CAS = VIH
RAS, CAS
≥ VCC –0.2 V
RAS cycling,
CAS = VIH,
tRC = Min.
RAS cycling,
CAS before RAS,
tRC = Min.
RAS = VIL,
CAS cycling,
tHPC = Min.
Output Leakage Current
Output High Voltage
Output Low Voltage
Average Power
Supply Current
(Operating)
Power Supply
Current (Standby)
Supply Current
(RAS-only Refresh)
Average Power
Supply Current
(CAS before RAS Refresh)
Average Power
Supply Current
(Fast Page Mode)
Average Power
ILO
VOH
VOL
ICC1
ICC2
ICC3
ICC6
ICC7
µA
V
V
mA
mA
mA
mA
mA
mA
Min.
–40
–20
2.4
0
Max.
40
20
VCC
0.4
410
8
4
410
410
410
1
1
1, 2
1, 2
1, 3
-70BS4/DS4
Min.
–40
–20
2.4
0
Max.
40
20
VCC
0.4
450
8
4
450
450
450
MSC2323258A
-60BS4/DS4
Notes:
1. ICC Max. is specified as ICC for output open condition.
2. Address can be changed once or less while RAS=VIL.
3. Address can be changed once or less while CAS=VIH.


Similar Part No. - MSC2323258A

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MSC2323258D OKI-MSC2323258D Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2323258D-XXBS4 OKI-MSC2323258D-XXBS4 Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2323258D-XXDS4 OKI-MSC2323258D-XXDS4 Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSC2323258A

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MSC23CV23257A OKI-MSC23CV23257A Datasheet
64Kb / 10P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TA OKI-MSC23V26457TA Datasheet
82Kb / 11P
   2,097,152-Word x 64-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23232C OKI-MSC23232C Datasheet
616Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC2313258A OKI-MSC2313258A Datasheet
59Kb / 8P
   1,048,576-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2343257A OKI-MSC2343257A Datasheet
65Kb / 8P
   4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV43257A OKI-MSC23CV43257A Datasheet
68Kb / 9P
   4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257D-XXBS4 OKI-MSC23CV23257D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23268D-XXBS4 OKI-MSC23CV23268D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2323258D OKI-MSC2323258D Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2383257A OKI-MSC2383257A Datasheet
71Kb / 8P
   8,388,608-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz