Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC2323258A Datasheet(PDF) 2 Page - OKI electronic componets

Part No. MSC2323258A
Description  2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC2323258A Datasheet(HTML) 2 Page - OKI electronic componets

  MSC2323258A Datasheet HTML 1Page - OKI electronic componets MSC2323258A Datasheet HTML 2Page - OKI electronic componets MSC2323258A Datasheet HTML 3Page - OKI electronic componets MSC2323258A Datasheet HTML 4Page - OKI electronic componets MSC2323258A Datasheet HTML 5Page - OKI electronic componets MSC2323258A Datasheet HTML 6Page - OKI electronic componets MSC2323258A Datasheet HTML 7Page - OKI electronic componets MSC2323258A Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MSC2323258A-xxBS4/DS4
¡ Semiconductor
78
PIN CONFIGURATION
MSC2323258A-xxBS4/DS4
Typ.
10.16
Typ.
6.35
101.19 Typ.
3.38 Typ.
107.95 ±0.2
1.04 Typ.
95.25
2.03 Typ.
1.27
+0.1
–0.08
9.3 Max.
3.18
f
1.27 ±0.2
72
1
* 1
6.35
R1.57
19.0 ±0.2
6.0 Min.
6.35 Typ.
*1 The common size difference of the board width 12.5 mm of its height is
specified as ±0.2. The value above 12.5 mm is specified as ±0.5.
(Unit : mm)
Pin No. Pin Name
Pin No. Pin Name
Pin No. Pin Name
1VSS
16
A4
31
A8
Pin No. Pin Name
46
NC
Pin No.
Pin Name
67
PD1
Pin No. Pin Name
61
DQ13
2
DQ0
17
A5
32
A9
47
WE
62
DQ30
3
DQ16
18
A6
33
RAS3
48
NC
63
DQ14
4
DQ1
19
NC
34
RAS2
49
DQ8
64
DQ31
5
DQ17
20
DQ4
35
NC
50
DQ24
65
DQ15
6
DQ2
21
DQ20
36
NC
51
DQ9
66
NC
7
DQ18
22
DQ5
37
NC
52
DQ25
67
PD1
8
DQ3
23
DQ21
38
NC
53
DQ10
68
PD2
9
DQ19
24
DQ6
39
VSS
54
DQ26
69
PD3
10
VCC
25
DQ22
40
CAS0
55
DQ11
70
PD4
11
NC
26
DQ7
41
CAS2
56
DQ27
71
NC
12
A0
27
DQ23
42
CAS3
57
DQ12
72
VSS
13
A1
28
A7
43
CAS1
58
DQ28
14
A2
29
NC
44
RAS0
59
VCC
15
A3
30
Vcc
45
RAS1
60
DQ29
68
PD2
69
PD3
70
PD4
-70BS4/DS4
NC
NC
VSS
NC
-60BS4/DS4
NC
NC
NC
NC
MSC2323258A
MSC2323258A
Presence Detect Pins


Similar Part No. - MSC2323258A

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MSC2323258D OKI-MSC2323258D Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2323258D-XXBS4 OKI-MSC2323258D-XXBS4 Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2323258D-XXDS4 OKI-MSC2323258D-XXDS4 Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSC2323258A

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MSC23CV23257A OKI-MSC23CV23257A Datasheet
64Kb / 10P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TA OKI-MSC23V26457TA Datasheet
82Kb / 11P
   2,097,152-Word x 64-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23232C OKI-MSC23232C Datasheet
616Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC2313258A OKI-MSC2313258A Datasheet
59Kb / 8P
   1,048,576-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2343257A OKI-MSC2343257A Datasheet
65Kb / 8P
   4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV43257A OKI-MSC23CV43257A Datasheet
68Kb / 9P
   4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257D-XXBS4 OKI-MSC23CV23257D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23268D-XXBS4 OKI-MSC23CV23268D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2323258D OKI-MSC2323258D Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2383257A OKI-MSC2383257A Datasheet
71Kb / 8P
   8,388,608-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz