Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9S6408V0A-SSB0 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K9S6408V0A-SSB0
Description  8M x 8 Bit SmartMediaTM Card
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9S6408V0A-SSB0 Datasheet(HTML) 5 Page - Samsung semiconductor

  K9S6408V0A-SSB0 Datasheet HTML 1Page - Samsung semiconductor K9S6408V0A-SSB0 Datasheet HTML 2Page - Samsung semiconductor K9S6408V0A-SSB0 Datasheet HTML 3Page - Samsung semiconductor K9S6408V0A-SSB0 Datasheet HTML 4Page - Samsung semiconductor K9S6408V0A-SSB0 Datasheet HTML 5Page - Samsung semiconductor K9S6408V0A-SSB0 Datasheet HTML 6Page - Samsung semiconductor K9S6408V0A-SSB0 Datasheet HTML 7Page - Samsung semiconductor K9S6408V0A-SSB0 Datasheet HTML 8Page - Samsung semiconductor K9S6408V0A-SSB0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
K9S6408V0A-SSB0
SmartMediaTM
5
PIN DESCRIPTION
Command Latch Enable(CLE)
The CLE input controls the path activation for commands sent to the command register. When active high, commands are latched
into the command register through the I/O ports on the rising edge of the WE signal.
Address Latch Enable(ALE)
The ALE input controls the activating path for address to the internal address registers. Addresses are latched on the rising edge of
WE with ALE high.
Chip Enable(CE)
The CE input is the device selection control. When CE goes high during a read operation the device is returned to standby mode.
However, when the device is in the busy state during program or erase, CE high is ignored, and does not return the device to standby
mode.
Write Enable(WE)
The WE input controls writes to the I/O port. Commands, address and data are latched on the rising edge of the WE pulse.
Read Enable(RE)
The RE input is the serial data-out control, and when active drives the data onto the I/O bus. Data is valid tREA after the falling edge
of RE which also increments the internal column address counter by one.
I/O Port : I/O 0 ~ I/O 7
The I/O pins are used to input command, address and data, and to output data during read operations. The I/O pins float to high-z
when the chip is deselected or when the outputs are disabled.
Write Protect(WP)
The WP pin provides inadvertent write/erase protection during power transitions. The internal high voltage generator is reset when
the WP pin is active low.
Ready/Busy(R/B)
The R/B output indicates the status of the device operation. When low, it indicates that a program, erase or random read operation is
in process and returns to high state upon completion. It is an open drain output and does not float to high-z condition when the chip
is deselected or when outputs are disabled.


Similar Part No. - K9S6408V0A-SSB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9S6408V0B SAMSUNG-K9S6408V0B Datasheet
481Kb / 31P
   SmartMedia CARD
K9S6408V0C SAMSUNG-K9S6408V0C Datasheet
481Kb / 31P
   SmartMedia CARD
More results

Similar Description - K9S6408V0A-SSB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9S5608V0A-SSB0 SAMSUNG-K9S5608V0A-SSB0 Datasheet
353Kb / 26P
   32M x 8 Bit SmartMediaTM Card
logo
Toshiba Semiconductor
TC58V64BDC TOSHIBA-TC58V64BDC Datasheet
345Kb / 33P
   64-MBIT (8M x 8 BITS) CMOS NAND E2PROM (8M BYTE SmartMediaTM)
logo
Fujitsu Component Limit...
MBM29F080A FUJITSU-MBM29F080A Datasheet
564Kb / 47P
   8M (1M X 8) BIT
MBM29LV008TA FUJITSU-MBM29LV008TA Datasheet
439Kb / 51P
   8M (1M X 8) BIT
MBM29LV080A FUJITSU-MBM29LV080A Datasheet
400Kb / 49P
   8M (1M x 8) BIT
logo
Siemens Semiconductor G...
HYB3164800J SIEMENS-HYB3164800J Datasheet
453Kb / 28P
   8M x 8-Bit Dynamic RAM
HYB3164805BJ SIEMENS-HYB3164805BJ Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164805J SIEMENS-HYB3164805J Datasheet
477Kb / 32P
   8M x 8-Bit Dynamic RAM
HYB3164800AJ SIEMENS-HYB3164800AJ Datasheet
247Kb / 26P
   8M x 8-Bit Dynamic RAM
HYB3164805AJ SIEMENS-HYB3164805AJ Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com