Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXHL-PE09 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # LXHL-PE09
Description  Combining the lifetime and reliability Advantages of Light Emitting Diodes with the Brightness of conventional lighting.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LXHL-PE09 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button LXHL-PE09 Datasheet HTML 3Page - List of Unclassifed Manufacturers LXHL-PE09 Datasheet HTML 4Page - List of Unclassifed Manufacturers LXHL-PE09 Datasheet HTML 5Page - List of Unclassifed Manufacturers LXHL-PE09 Datasheet HTML 6Page - List of Unclassifed Manufacturers LXHL-PE09 Datasheet HTML 7Page - List of Unclassifed Manufacturers LXHL-PE09 Datasheet HTML 8Page - List of Unclassifed Manufacturers LXHL-PE09 Datasheet HTML 9Page - List of Unclassifed Manufacturers LXHL-PE09 Datasheet HTML 10Page - List of Unclassifed Manufacturers LXHL-PE09 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Luxeon III Emitter DS45 (3/05)
7
Electrical Characteristics at 1000mA,
Junction Temperature, TJ = 25ºC
Table 9.
T
Ty
yp
piic
ca
all F
Fo
orrw
wa
arrd
d V
Vo
olltta
ag
ge
e
V
V
F
F ((V
V))[[11]]
C
Co
ollo
orr
1
10
00
00
0 m
mA
A
White
3.90
Green
3.90
Cyan
3.90
Blue
3.90
Royal Blue
3.90
Notes for Table 9:
1. Lumileds maintains a tolerance of ± 0.06V on forward voltage measurements.
Electrical Characteristics at 700mA, Junction Temperature, TJ = 25ºC
Table 8.
T
Te
em
mp
pe
erra
attu
urre
e
C
Co
oe
effffiic
ciie
en
ntt o
off
T
Th
he
errm
ma
all
F
Fo
orrw
wa
arrd
d
R
Re
es
siis
stta
an
nc
ce
e,,
F
Fo
orrw
wa
arrd
d V
Vo
olltta
ag
ge
e V
V
F
F
[[1
1]]
D
Dy
yn
na
am
miic
c
V
Vo
olltta
ag
ge
e[[33]]
J
Ju
un
nc
cttiio
on
n
((V
V))
R
Re
es
siis
stta
an
nc
ce
e[[22]]
((m
mV
V//ooC
C))
tto
o C
Ca
as
se
e
C
Co
ollo
orr
M
Miin
n..
T
Ty
yp
p..
M
Ma
ax
x..
((Ω
Ω)) R
R
D
D
∆∆VV
F
F /
/
∆∆TT
J
J
((ooC
C//W
W)) R
R
θθ
J
J C
C
White
3.03
3.70
4.47
0.8
2.0
13
Green
3.03
3.70
4.47
0.8
2.0
13
Cyan
3.03
3.70
4.47
0.8
2.0
13
Blue
3.03
3.70
4.47
0.8
2.0
13
Royal Blue
3.03
3.70
4.47
0.8
2.0
13
Notes for Table 8:
1. Lumileds maintains a tolerance of ± 0.06V on forward voltage measurements.
2. Dynamic resistance is the inverse of the slope in linear forward voltage model for LEDs. See Figures 3a and 3b.
3. Measured between 25
oC
≤ T
J
≤ 110oC at I
F = 700mA.


Similar Part No. - LXHL-PE09

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXHL-PE09 LUMILEDS-LXHL-PE09 Datasheet
916Kb / 17P
   power light source LUXEON짰 III Emitter
More results

Similar Description - LXHL-PE09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W199AX-8 ETC2-W199AX-8 Datasheet
1Mb / 11P
   Advantages of the W199 Power Relay
70053K ETC2-70053K Datasheet
2Mb / 28P
   THE ADVANTAGES AND BENEFITS OF USING AMVECO TOROIDAL TRANSFORMERS
logo
Shenzhen Huazhimei Semi...
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
   The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
logo
CITIZEN ELECTRONICS CO....
CL-L102 CITIZEN-CL-L102 Datasheet
189Kb / 3P
   The light-emitting element of an LED radiates light and heat according to the input power.
logo
Unity Opto Technology
MAL-3401 UOT-MAL-3401 Datasheet
47Kb / 2P
   The PLCC Strip signage light module is comprised of a linear array of solid state light emitting diodes
logo
Shenzhen Huazhimei Semi...
HM8022B HMSEMI-HM8022B Datasheet
573Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8023 HMSEMI-HM8023 Datasheet
471Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
logo
Unity Opto Technology
MAL-6001X-X08 UOT-MAL-6001X-X08 Datasheet
38Kb / 4P
   The LED Strip signage light module is comprised of a linear array of solid state light emitting diodes
logo
Shenzhen Huazhimei Semi...
HM8021A HMSEMI-HM8021A Datasheet
514Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8022A HMSEMI-HM8022A Datasheet
455Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com