Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLA05-03K485 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # TLA05-03K485
Description  3W, Integrated isolated 485 ACDC power supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TLA05-03K485 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  TLA05-03K485 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TLA05-03K485 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TLA05-03K485 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TLA05-03K485 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. TLA05-03K485 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Integrated Isolated 485 ACDC power supply
TLAxx-03K485 Series
2018.05.25-A/2
Page 2 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Signal Input Specifications(+Vo1=3.3V)
Item
Symbol
Min.
Typ.
Max.
Unit
TXD Logic Level
High-level
VIH
0.7 * Vo1
--
Vo1
VDC
Low-level
VIL
0
--
0.8
RXD Logic Level
High-level
VOH
Vo1- 0.4
3.1
--
Low-level
VOL
0
0.2
0.4
TXD Drive Current
IT
2
--
--
mA
RXD Output Current
IR
--
--
4
CON Drive Current
ICON
--
--
5
Serial Interface
Compatible with + 3.3 V UART interface only
Signal Input Specifications(+Vo1=5.0V)
Item
Symbol
Min.
Typ.
Max.
Unit
TXD Logic Level
High-level
VIH
0.7 * Vo1
--
Vo1
VDC
Low-level
VIL
0
--
0.8
RXD Logic Level
High-level
VOH
Vo1- 0.4
4.8
--
Low-level
VOL
0
0.2
0.4
TXD Drive Current
IT
2
--
--
mA
RXD Output Current
IR
--
--
4
CON Drive Current
ICON
--
--
5
Serial Interface
Compatible with + 5 V UART interface only
Signal Output Specifications
Item
Symbol
Min.
Typ.
Max.
Unit
Differential Level
Vdiff(d)
, RL=54Ω
1.5
2
+Vo2
VDC
Bus Pin Maximum Voltage
-7
--
12
VDC
Differential Load Resistance
54
--
--
Ω
Differential Input Impedance
-7V≤VCM≤+12V
96
--
--
Bus Interface Protection
ESD protection
Signal Transmission Specifications
Item
Symbol
Min.
Typ.
Max.
Unit
Data Delay
TXD Transmit Delay
tT
--
55
110
ns
RXD Receive Delay
tR
--
65
110
Switchover delay
--
--
18
us
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
Input-output
With the test time of 1 minute and
the leak current lower than 5mA
AC-DC
4000
--
--
VAC
DC-DC
1500
--
--
VDC
Operating Temperature
-40
--
+85
Storage Temperature
-40
--
+105
Storage Humidity
--
--
85
%RH
Power Derating
Operating temperature
derating
-40℃ to -20℃
3.0
--
--
%/℃
70℃ to 85℃
1.67
--
--
Input Voltage derating
85VAC-100VAC
1.2
--
--
%/VAC
277AVC-305VAC
1.1
--
--
Welding Temperature
Wave-soldering
260 ± 5℃; time:5 - 10s
Manual-welding
360 ± 10℃; time:3 - 5s
MTBF
MIL-HDBk-217F@25℃
300,000 h


Similar Part No. - TLA05-03K485

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TLA05-03KCAN MORNSUN-TLA05-03KCAN Datasheet
871Kb / 5P
   3W, Integrated isolated CAN ACDC power supply
More results

Similar Description - TLA05-03K485

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TLA03-03KCAN MORNSUN-TLA03-03KCAN Datasheet
871Kb / 5P
   3W, Integrated isolated CAN ACDC power supply
logo
DIWELL Electronics Co.,...
IRM-03 DIWELL-IRM-03 Datasheet
96Kb / 4P
   3W Output Switching Power Supply
2016-07-14
logo
Power Integrations, Inc...
DER-57 POWERINT-DER-57 Datasheet
1Mb / 26P
   3W Power Supply using LNK501P
logo
Maxim Integrated Produc...
MAX845EVKIT MAXIM-MAX845EVKIT Datasheet
45Kb / 4P
   Isolated Power Supply
Rev 4; 10/97
logo
Texas Instruments
ISO1176T TI1-ISO1176T_13 Datasheet
1Mb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T_1108 TI-ISO1176T_1108 Datasheet
674Kb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI1-ISO1176T_14 Datasheet
1Mb / 28P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T Datasheet
740Kb / 25P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO35T TI1-ISO35T_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO3086T TI1-ISO3086T Datasheet
519Kb / 24P
[Old version datasheet]   Isolated 5V RS-485 Transceiver With Integrated Transformer Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com