Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1517152 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 1517152
Description  Sensor/actuator box - SACB-6/12-L-10,0PUR SCO
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

1517152 Datasheet(HTML) 1 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/us/products/1517152
12/2/13   Page 1 / 7
Sensor/actuator box - SACB-6/12-L-10,0PUR SCO - 1517152
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Sensor/actuator box, Connection method: M12-SPEEDCON-socket Metal, Number of slots: 6, Number of
positions: 5, Slot assignment: Double, Status indication: Yes, pnp; Master cable connection: Fixed connection
180°, PUR/PVC, Cable length: 10 m, Shielding: No
Product Features
 Safety in the field, thanks to molded housing and high degree of protection
 Flexible, distributed bundling of signals in one master cable
 Convenient: increased machine availability thanks to quick and easy diagnostics
 Save space: distributor box with double occupancy for two sensors in one slot
 Save time, thanks to installation with SPEEDCON fast locking system
Key commercial data
Packing unit
1 PCE
Weight per Piece (excluding packing)
2111.1 GRM
Custom tariff number
85444290
Country of origin
Poland
Technical data
General
Rated voltage
24 V DC
Max. operating voltage Umax
30 V DC
Current carrying capacity per I/O signal
2 A
Current carrying capacity per slot
4 A
Total rated current
12 A
Number of positions
5
Number of slots
6
Inflammability class according to UL 94
V0
Sensor/actuator connection system
M12-SPEEDCON-socket


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn