Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1517152 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 1517152
Description  Sensor/actuator box - SACB-6/12-L-10,0PUR SCO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1517152 Datasheet(HTML) 6 Page - PHOENIX CONTACT

  1517152 Datasheet HTML 1Page - PHOENIX CONTACT 1517152 Datasheet HTML 2Page - PHOENIX CONTACT 1517152 Datasheet HTML 3Page - PHOENIX CONTACT 1517152 Datasheet HTML 4Page - PHOENIX CONTACT 1517152 Datasheet HTML 5Page - PHOENIX CONTACT 1517152 Datasheet HTML 6Page - PHOENIX CONTACT 1517152 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
https://www.phoenixcontact.com/us/products/1517152
12/2/13   Page 6 / 7
Sensor/actuator box - SACB-6/12-L-10,0PUR SCO - 1517152
Accessories
Screw plug - PROT-MS SCO - 1553129
M12 screw plug with SPEEDCON quick locking for unoccupied M12 sockets of the sensor/actuator cables, boxes and
flush-type connectors
 
 
Screwdriver tools
Tool - SAC BIT M12-D15 - 1208432
Nut for assembling sensor/actuator cables with M12 connector and for M12 connectors with QUICKON fast connection
technology, for 4 mm hexagonal drive
 
 
Tool - SACC BIT M12-D20 - 1208445
Nut for assembling SACC M12 connectors for free assembly, excluding M12 connectors with QUICKON fast connection
technology, for 4 mm hexagonal drive
 
 
Torque tool
Torque screwdriver - TSD 04 SAC - 1208429
Torque screwdriver, with preset torque of 0.4 Nm and 4 mm hexagonal drive for M12 connectors
 
 
Drawings


Similar Part No. - 1517152

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1517107 PHOENIX-1517107 Datasheet
168Kb / 6P
   SACB-4/ 8-L- 5,0PUR SCO
logo
Festo Corporation.
151711 FESTO-151711 Datasheet
93Kb / 2P
   Air solenoid valve
logo
PHOENIX CONTACT
1517110 PHOENIX-1517110 Datasheet
132Kb / 7P
   Sensor/actuator box - SACB-4/ 8-L-10,0PUR SCO
1517123 PHOENIX-1517123 Datasheet
131Kb / 7P
   Sensor/actuator box - SACB-6/ 6-L- 5,0PUR SCO
1517149 PHOENIX-1517149 Datasheet
150Kb / 5P
   SACB-6/12-L- 5,0PUR SCO
More results

Similar Description - 1517152

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1452673 PHOENIX-1452673 Datasheet
140Kb / 8P
   Sensor/actuator box - SACB-6/12-L-10,0PUR SCO P
1517039 PHOENIX-1517039 Datasheet
129Kb / 7P
   Sensor/actuator box - SACB-6/12-10,0PUR SCO
1405736 PHOENIX-1405736 Datasheet
143Kb / 8P
   Sensor/actuator box - SACB-6/12-L-10,0PUR SCO P NPN
1452644 PHOENIX-1452644 Datasheet
133Kb / 7P
   Sensor/actuator box - SACB-6/ 6-L-10,0PUR SCO P
1452495 PHOENIX-1452495 Datasheet
135Kb / 8P
   Sensor/actuator box - SACB-6/12-10,0PUR SCO P
1405734 PHOENIX-1405734 Datasheet
137Kb / 7P
   Sensor/actuator box - SACB-6/ 6-L-10,0PUR SCO P NPN
1452466 PHOENIX-1452466 Datasheet
131Kb / 7P
   Sensor/actuator box - SACB-6/ 6-10,0PUR SCO P
1517110 PHOENIX-1517110 Datasheet
132Kb / 7P
   Sensor/actuator box - SACB-4/ 8-L-10,0PUR SCO
1452738 PHOENIX-1452738 Datasheet
146Kb / 5P
   Sensor/actuator box - SACB-8/16-L-10,0PUR SCO P
1452615 PHOENIX-1452615 Datasheet
139Kb / 5P
   Sensor/actuator box - SACB-4/ 8-L-10,0PUR SCO P
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com