Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1517152 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part No. 1517152
Description  Sensor/actuator box - SACB-6/12-L-10,0PUR SCO
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

1517152 Datasheet(HTML) 5 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
https://www.phoenixcontact.com/us/products/1517152
12/2/13   Page 5 / 7
Sensor/actuator box - SACB-6/12-L-10,0PUR SCO - 1517152
Approvals
Approvals submitted
Approval details
UL Recognized 
 
 
Nominal current IN
3 A
Nominal voltage UN
24 V
cUL Recognized 
 
 
Nominal current IN
3 A
Nominal voltage UN
24 V
GOST 
cULus Recognized 
Accessories
Accessories
Device marking
Contactor marker – zack marker strip - SS-ZB 17,5 WH - 0804963
Contactor marker – zack marker strip, Strip, white, Unlabeled, Can be labeled with: Plotter, Mounting type: Snap into flat
marker groove, Lettering field: 17.5 x 8 mm
 
 
Protective cap


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn