Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1517152 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part No. 1517152
Description  Sensor/actuator box - SACB-6/12-L-10,0PUR SCO
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

1517152 Datasheet(HTML) 3 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
https://www.phoenixcontact.com/us/products/1517152
12/2/13   Page 3 / 7
Sensor/actuator box - SACB-6/12-L-10,0PUR SCO - 1517152
Technical data
Pin assignment
1-6 / 1 (+ 24 V) = BN
1-6 / 3 (0 V) = BU
1-6 / 5 (PE) = GN/YE
Cable
Cable type
PUR/PVC black
Cable type (abbreviation)
PUR
Cable abbreviation
LiYY11Y-HF
UL AWM style
20549
Conductor cross section
12x 0.5 mm² (signal line)
3x 1 mm² (power line)
AWG signal line
20
AWG power supply
17
Conductor structure signal line
28x 0.15 mm
Conductor structure, voltage supply
56x 0.15 mm
Core diameter including insulation
1.5 mm ±0.1 mm (signal line)
2.1 mm ±0.1 mm (power line)
Thickness, insulation
≥ 0.15 mm (Inner sheath)
≥ 0.76 mm (Outer cable sheath)
Overall twist
Wires twisted in layers
External sheath, color
Black RAL 9005
External cable diameter D
9.4 mm ± 0.2 mm
Minimum bending radius, fixed installation
7.5 x D
Minimum bending radius, flexible installation
10 x D
Number of bending cycles
1500000
Bending radius
94 mm
Traversing path
2 m
Traversing rate
2 m/s
Cable weight
150.9 kg/km
Outer sheath, material
PUR
Material, inner sheath
PVC
Material conductor insulation
PVC
Conductor material
Bare Cu litz wires
Nominal voltage, cable
300 V
Test voltage, cable
2000 V
Special properties
Silicone-free
Flame resistance
DIN EN 50265
Resistance to oil
As per VDE 0472 Part 803


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn