Electronic Components Datasheet Search |
|
HMF2M32B4V-90 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers |
|
HMF2M32B4V-90 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers |
5 / 12 page HANBit HMF2M32B4V URL :www.hbe.co.kr HANBit Electronics Co., Ltd. REV.02(August,2002) 5 u Erase/Program Operations PARAMETER SYMBOLS Speed Options JEDEC STANDARD DESCRIPTION 70R 80 90 120 UNIT tAVAV tWC Write Cycle Time Min 70 80 90 12 ns tAVWL tAS Address Setup Time Min 0 ns tWLAX tAH Address Hold Time Min 45 45 45 50 ns tDVWH tDS Data Setup Time Min 35 35 45 50 ns tWHDX tDH Data Hold Time Min 0 ns tOES Output Enable Setup Time Min 0 ns tGHWL tGHWL Read Recover Time Before Write Min 0 ns tELWL tCS /CE Setup Time Min 0 ns tWHEH tCH /CE Hold Time Min 0 ns tWLWH tWP Write Pulse Width Min 35 35 35 50 ns tWHWL tWPH Write Pulse Width High Min 30 ns tWHWH1 tWHWH1 Byte Programming Operation Typ 9 µs tWHWH2 tWHWH2 Sector Erase Operation (Note1) Typ 0.7 sec tVCS Vcc set up time Min 50 µs Notes : 1 . This does not include the preprogramming time 2 . This timing is only for Sector Protect operations 5.0V Device Under Test 2.7k Ω Diodes = IN3064 or Equivalent 6.2k Ω IN3064 or Equivalent CL Note : CL = 100pF including jig capacita nce |
Similar Part No. - HMF2M32B4V-90 |
|
Similar Description - HMF2M32B4V-90 |