Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA00505VA Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # MA00505VA
Description  Over voltage, Over current, Short circuit protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

MA00505VA Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  MA00505VA Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. MA00505VA Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. MA00505VA Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. MA00505VA Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5W AC/DC Adapter
MA005-VA Series
2017.12.28-A/2
Page 1 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
FEATURES
Universal input Voltage : 90 - 264VAC, 50/60Hz
DoE Level VI efficiency
Over voltage, Over current, Short circuit protection
Fully enclosed plastic case
2 pole USA plug
Small wall-mounted type
RoHS
MA005-VA series is a small wall-mounted type adapter. This series features universal input voltage, low power consumption, high efficiency,
high reliability, and safer isolation, meets IEC/EN61000-4, CISPR22/EN55032 and UL60950. The entire series supplies different models with
output voltages range between 5V and 15V that can satisfy the demands for the various types of consumer electronic devices,
telecommunication devices, office and civil applications devices.
Electric Specifications
Model
MA00505VA
MA00509VA
MA00512VA
MA00515VA
Output
DC Voltage
5V
9V
12V
15V
Rated current
1.0A
0.5A
0.5A
0.4A
Current range
0-1.0A
0-0.5A
0-0.5A
0-0.4A
Rated power
5.0W
4.5W
6.0W
6.0W
Voltage Accuracy
±5%
±5%
±5%
±5%
Line Regulation
±1%
±1%
±1%
±1%
Load Regulation
±5%
±5%
±5%
±5%
Ripple &Noise*
120mVp-p max
120mVp-p max
120mVp-p max
150mVp-p max
Start-up time
3s@100-240VAC, full load
Hold-up time
10ms@115VAC, full load, 20ms@230VAC, full load
Rise time
80ms max
Overshoot/
Undershoot
±10%
Transient response
Output voltage range ±5%, load 25%-50%, 50%-75%, slope: 0.5A/us, frequency: 50Hz-10KHz
Input
Input voltage
90 - 264VAC
Input frequency
47 - 63Hz
Efficiency(Typ.)
73.62%
77.05%
78.88%
78.88%
Input current
0.15A Max@100VAC, full load
Inrush current
Cold start: 30A/230VAC
No load power
<0.1W
Leakage current
0.25mA Max@240VAC
Protections
Over voltage
Rated output voltage 110%-150%
Over current
Rated output current 110%-200%, self-recovery
Short circuit
Hiccup, Continuous, self-recovery
Note
* Ripple and noise are measured by 20MHz bandwidth; at full load, 100-240VAC input, output terminated with a 0.1uF ceramic
capacitor and a 10uF electrolytic capacitor.


Similar Part No. - MA00505VA

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
MA00505WA MORNSUN-MA00505WA Datasheet
261Kb / 3P
   Over voltage, Over current, Short circuit protection
More results

Similar Description - MA00505VA

ManufacturerPart #DatasheetDescription
logo
CUI INC
VOF-6B CUI-VOF-6B Datasheet
479Kb / 5P
   short circuit, over voltage protection, over current protection
logo
MORNSUN Science& Techno...
MA00505WA MORNSUN-MA00505WA Datasheet
261Kb / 3P
   Over voltage, Over current, Short circuit protection
MG01205HA MORNSUN-MG01205HA Datasheet
324Kb / 4P
   Over voltage, Over current, Short circuit protection
logo
Sparkle Power Inc.
FSP200-63DL12V SPI-FSP200-63DL12V Datasheet
48Kb / 1P
   Output over voltage, short circuit, and over current protection
logo
AIMTEC
AME2-JZ AIMTEC-AME2-JZ Datasheet
146Kb / 3P
   Over current, Short Circuit Protection
AME1-JZ AIMTEC-AME1-JZ Datasheet
147Kb / 3P
   Over current, Short Circuit Protection
logo
Vincotech
20-PB06IPB010RC-P955A40Y VINCOTECH-20-PB06IPB010RC-P955A40Y Datasheet
2Mb / 30P
   Over current and short circuit protection
logo
CUI INC
SWI12-SC CUI-SWI12-SC Datasheet
419Kb / 4P
   short circuit, over current, and over voltage protections
SWI15-E CUI-SWI15-E Datasheet
420Kb / 4P
   over voltage, over current, and short circuit protections
SWI15-N CUI-SWI15-N Datasheet
436Kb / 4P
   over voltage, over current, and short circuit protections
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com