Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC1230 Datasheet(PDF) 6 Page - OKI electronic componets

Part No. MSC1230
Description  111-Bit 2/3-Duty Controller/Driver with Digital Dimming Function
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSC1230 Datasheet(HTML) 6 Page - OKI electronic componets

Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6/13
MSC1230
¡ Semiconductor
ELECTRICAL CHARACTERISTICS
DC Characteristics
Supply Current
Parameter
"H" Input Voltage (1)
*1
"H" Input Voltage (2)
*2
"L" Input Voltage (1)
*1
"L" Input Voltage (2)
*2
Min.
Max.
Symbol
Condition
Unit
VIH1
VIH2
VIL1
4.5
0.0
0.0
–5
–200
–5
–0.6
5.5
5.5
0.8
0.5
–0.1
5
200
5
mA
m
A
V
V
V
V
"H" Output Voltage (1)
*5
"H" Output Voltage (2)
*6
VOL2
VOL3
IDD
13
V
V
V
V
"H" Input Current (1)
*3
"H" Input Current (2)
*4
"L" Input Current (1)
*3
"L" Input Current (2)
*4
"L" Output Voltage
*7
VDD
–0.8
1
0.3
2
VDD
–0.8
3.8
V
mA
m
A
m
A
IIH1
IIH2
IIL1
IIL2
VOH1
VOH2
VOL1
(Ta=–40 to +85°C, VDD=8 to 18V)
VIL2
VIH=5 V
VIH=5 V
VIL=0 V
VIL=0 V
VDD=9.5 V
IOH1=–6 mA
fosc=3.2 MHz
no Load
VDD=9.5 V
IOH2=–30 mA
VDD=9.5 V
IOL1=500 mA
VDD=9.5 V
IOL2=200 mA
VDD=9.5 V
IOL3=2 mA
*1 All input pins except OSC0
*2 OSC0 pin
*3 CS, CLOCK and DATA-IN pins
*4 SEL pin
*5 SEG1 to SEG37 pins
*6 GRID1 to GRID3 pins
*7 SEG1 to SEG37 and GRID1 to GRID 3 pins


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn