Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC1230 Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MSC1230
Description  111-Bit 2/3-Duty Controller/Driver with Digital Dimming Function
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSC1230 Datasheet(HTML) 5 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
MSC1230
¡ Semiconductor
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Parameter
Supply Voltage
High Level Input Voltage (1)
High Level Input Voltage (2)
Low Level Input Voltage (1)
Low Level Input Voltage (2)
Oscillation Frequency
Clock Frequency
Frame Frequency
Operating Temperature
Min.
Typ.
Max.
Symbol
Condition
Unit
All inputs except OSC0
fOSC=3.2 MHz
VDD
VIH1
VIH2
VIL1
VIL2
fC
fOSC
fFR
Top
OSC0
All inputs except OSC0
OSC0
R=4.7 kW, C=10 pF
8
3.8
4.5
0.0
0.0
–40
3.2
260
—18
5.5
5.5
0.8
0.5
85
250
V
Hz
MHz
kHz
V
V
V
V
V
°C
Parameter
Supply Voltage
Input Voltage
Storage Temperature
Power Dissipation
Symbol
Condition
Ratings
Unit
VDD
VIN
TSTG
PD
Ta=85°C
–0.3 to +20
–0.3 to +6.0
–65 to +150
400
V
V
°C
mW
All inputs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn