Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC1218 Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MSC1218
Description  63-Bit Triplex Controller/Driver with Digital Dimming Function
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSC1218 Datasheet(HTML) 5 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
¡ Semiconductor
MSC1218
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Condition
VDD
8V
Parameter
Symbol
Min.
Unit
18
Max.
All inputs except OSC0
Power Supply Voltage
Typ.
260
3.2
5.5
5.5
0.8
0.5
250
85
kHz
MHz
Hz
°C
V
V
V
V
3.8
4.5
0
–40
0
OSC0
R = 4.7kW, C = 10pF
fosc = 3.2MHz
All inputs except OSC0
OSC0
VIH1
VIH2
VIL1
VIL2
fC
fOSC
fFR
Top
High Level Input Voltage (1)
Clock Frequency
Oscillation Frequency
Frame Frequency
Operating Temperature
High Level Input Voltage (2)
Low Level Input Voltage (1)
Low Level Input Voltage (2)
Condition
VDD
–0.3 to +20
V
Parameter
Symbol
Rating
Unit
Power Supply Voltage
Input Voltage
Storage Temperature
Power Dissipation
VIN
TSTG
PD
All input pins
Ta = +85°C
–0.3 to +6.0
–65 to +150
400
V
°C
mW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn