Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EAITRDA1 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part No. EAITRDA1
Description  Opto Interrupter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAITRDA1 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  EAITRDA1 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAITRDA1 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAITRDA1 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAITRDA1 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAITRDA1 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAITRDA1 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAITRDA1 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAITRDA1 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAITRDA1 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DATASHEET
EAITRDA1
7
Copyright © 2010, Everlight Americas Inc. Release Date : 10.18.2013. Issue No:DIR-000xxx
www.everlightamericas.com
Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
NO.
Item
Test Condition
Test
Hours/
Cycle
Sample
Size
Failure
Judgement
Criteria
Ac/Re
1
Solder Heat
TEMP : 260℃ ± 5 ℃
10 sec
22 PCs
0/1
2
Temperature Cycle
H : +100℃
15 mins
5 min
L : -40℃
15 min
300
cycle
22 PCs
Ic(on)≦L×0.8
0/1
3
Thermal Shock
H : +100℃
5 min
10 sec
L : -10℃
5 min
300
cycle
22 PCs
L :Lower
specification
limit
0/1
4
High Temperature
Storage
TEMP. : +100℃
1000 hrs
22 PCs
0/1
5
Low Temperature
Storage
TEMP. : -40℃
1000 hrs
22 PCs
0/1
6
DC Operating Life
VCE=5V
IF=20mA
1000
hrs
22 PCs
0/1
7
High Temperature /
High Humidity
85℃ / 85% R.H.
1000 hrs
22 PCs
0/1


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn