Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1968A Datasheet(PDF) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1968A
Description  SAW Rx Filter 2595MHz LTE Band 38 SMD 1109 (50MHz BW)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1968A Datasheet(HTML) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1968A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1968A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1968A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1968A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1968A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1968A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1968A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
7
TST DCC
Release document
H. RECOMMENDED REFLOW PROFILE :
1. Preheating shall be fixed at 150~180℃ for 60~90 seconds.
2. Ascending time to preheating temperature 150℃ shall be 30 seconds min.
3. Heating shall be fixed at 220℃ for 50~80 seconds and at 260℃+0/-5℃ peak (20~40sec).
4. Time: 2 times.


Similar Part No. - TA1968A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1968A GOLLEDGE-TA1968A Datasheet
255Kb / 6P
   SAW Filter 2595.0MHz
More results

Similar Description - TA1968A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1965A TAI-SAW-TA1965A Datasheet
335Kb / 7P
   SAW Tx Filter 2595MHz LTE Band 38 SMD 1109 (50MHz BW)
TA1811DN TAI-SAW-TA1811DN Datasheet
228Kb / 8P
   SAW Rx Filter 881.5MHz LTE Band 5 SMD 1109 (25MHz BW)
TA1743D TAI-SAW-TA1743D Datasheet
486Kb / 8P
   SAW Rx Filter 942.5MHz LTE Band 8 SMD 1109 (35MHz BW)
TA1811D TAI-SAW-TA1811D Datasheet
414Kb / 8P
   SAW Rx Filter 881.5MHz LTE Band 5 SMD 1109 (25MHz BW)
TA1843D TAI-SAW-TA1843D Datasheet
420Kb / 8P
   SAW Rx Filter 1842.5MHz LTE Band 3 SMD 1109 (75MHz BW)
TA1857A TAI-SAW-TA1857A Datasheet
817Kb / 11P
   SAW Rx Filter 1842.5MHz LTE Band 3 SMD 1109 (75MHz BW)
TA2037AN TAI-SAW-TA2037AN Datasheet
808Kb / 8P
   SAW Rx Filter 737.5MHz LTE Band 12 SMD 1109 (17MHz BW)
TA1743A TAI-SAW-TA1743A Datasheet
340Kb / 10P
   SAW Rx Filter 942.5MHz LTE Band 8 SMD 1109 (35MHz BW)
TA2041A TAI-SAW-TA2041A Datasheet
502Kb / 9P
   SAW Rx Filter 806MHz LTE Band 20 SMD 1109 (30MHz BW)
TA2018A TAI-SAW-TA2018A Datasheet
877Kb / 8P
   SAW Rx Filter 1900MHz LTE Band 39 SMD 1109 (40MHz BW)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com