Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AIC1553 Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part No. AIC1553
Description  Compact 500KHz PWM/PFM, Step-Down DC/DC Converters
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AIC [Analog Intergrations Corporation]
Homepage  http://www.analog.com.tw
Logo 

AIC1553 Datasheet(HTML) 1 Page - Analog Intergrations Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AIC1553
Compact 500KHz PWM/PFM, Step-Down DC/DC
Converters
Analog Integrations Corporation
4F, 9 Industry E. 9th Rd, Science-Based Industrial Park, Hsinchu, Taiwan
DS-1553-P2 061402
TEL: 886-3-5772500
FAX: 886-3-5772510
www.analog.com.tw
1
FEATURES
Tiny 5-Lead SOT-23 package
Uses Tiny Capacitors and Inductor
High Frequency Operation: 500KHz
High Output Current: 500mA
Low RDS(ON) Internal Switch: 0.6Ω
High Efficiency: Up to 90%
Current Mode Operation for Excellent Line and
Load Transient Response
Short-Circuit Protected
Low Quiescent Current: 22
µA
Low Dropout Operation: 100% Duty Cycle
Ultralow Shutdown Current: IQ < 1µA
Peak Inductor Current Independent of Inductor
Value
Low Output Voltages: Down to 0.75V
APPLICATIONS
Cellular Phones.
PDAs and Handy-Terminals.
CPU I/O Supplies.
Cordless Phones.
Notebook Chipset Supplies.
Handheld Equipment
DESCRIPTION
The AIC1553 is a step-down, current mode,
DC/DC converter. It operates from 2.5V to 5.5V
input voltage range and switches at 500KHz,
allowing the use of tiny, low cost capacitors and
inductors. The output voltage is adjustable from
0.75V to 5V. A built-in 0.6
Ω switch allows up to
0.5A of output current at high efficiency.
The AIC1553 operates continuously to very low
load currents to provide low ripple at the
expense of light load efficiency. With no load,
the AIC1553 draws only 22
µA. In shutdown
mode, it draws less than 1
µA, making it ideal for
current sensitive applications.
The tiny 5-lead SOT-23 package makes it
easy to save the layout area.
TYPICAL APPLICATION CIRCUIT
SW 1
GND 2
VFB 3
VIN
5
SD
4
U1
AIC1553
VIN
+ C1
10
µF
L1
6.8
µH
R2
560K
R1
240K
C2
47
µF
C3
D1
SS12
C4
4.7
µF
VOUT
ON/OFF
2.5V
2.5V~5.5V
22pF
2.5V/500mA Step-Down Converter


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn