Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0223A Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # TA0223A
Description  SAW Filter 2441.8MHz for Bluetooth
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

TA0223A Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  TA0223A Datasheet HTML 1Page - Golledge Electronics Ltd TA0223A Datasheet HTML 2Page - Golledge Electronics Ltd TA0223A Datasheet HTML 3Page - Golledge Electronics Ltd TA0223A Datasheet HTML 4Page - Golledge Electronics Ltd TA0223A Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 2441.8MHz for Bluetooth
Model: TA0223A
Part No: MA05253
Rev No: 2
TA0223A v2
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC voltage: 0V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency Fc (dB)
-
2441.8
-
Insertion loss (2400 ~ 2483.5MHz) IL (dB)
-
2.1
5.0
Amplitude ripple (2400 ~ 2483.5MHz) (dB)
-
0.9
3.0
Attenuation (Reference level from 0dB)
DC ~ 1700MHz (dB)
20.0
29.0
-
1700 ~ 2200MHz (dB)
25.0
30.0
-
2700 ~ 3100MHz (dB)
30.0
40.0
-
3100 ~ 4000MHz (dB)
20.0
29.0
-
4000 ~ 5000MHz (dB)
10.0
20.0
-
VSWR (2400 ~ 2483.5MHz)
-
1.7
2.6
Source impedance ZS ( )
-
50
-
Load impedance ZL ( )
-
50
-
Note1: The standard definitions is in JIS C 6703


Similar Part No. - TA0223A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0223A TAI-SAW-TA0223A Datasheet
544Kb / 8P
   SAW Filter 2441.8 MHz for Bluetooth
TA0223A TAI-SAW-TA0223A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
More results

Similar Description - TA0223A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1468A TAI-SAW-TA1468A Datasheet
159Kb / 8P
   SAW Filter 2441.8MHz
logo
EPCOS
B9413 EPCOS-B9413 Datasheet
91Kb / 8P
   SAW filter Bluetooth
B9447 EPCOS-B9447 Datasheet
97Kb / 8P
   SAW filter Bluetooth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0223A TAI-SAW-TA0223A Datasheet
544Kb / 8P
   SAW Filter 2441.8 MHz for Bluetooth
TA0223B TAI-SAW-TA0223B Datasheet
412Kb / 9P
   SAW Filter 2441.8 MHz for Bluetooth
TA0223C TAI-SAW-TA0223C Datasheet
259Kb / 8P
   SAW Filter 2441.8 MHz for Bluetooth
logo
Oscilent Corporation
802-RF2441.8M-A OSCILENT-802-RF2441.8M-A Datasheet
290Kb / 3P
   Bluetooth, RF SAW Filter
logo
Transko Electronics, In...
TA2441BM TRANSKO-TA2441BM Datasheet
459Kb / 4P
   Bluetooth, RF SAW Filter
Revision 0: April 2012
TF-244102-C23 TRANSKO-TF-244102-C23 Datasheet
552Kb / 4P
   Bluetooth, RF SAW Filter
Revision 0: April 2013
TA2441CM TRANSKO-TA2441CM Datasheet
475Kb / 4P
   Bluetooth, RF SAW Filter
Revision 0: May 2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com