Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EAIRMLA2 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part No. EAIRMLA2
Description  Infrared Receiver Control Receiver Module
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

EAIRMLA2 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DATASHEET
Infrared Receiver Control Receiver Module
EAIRMLA2
2
Copyright © 2010, Everlight Americas Inc. Release Date : Nov. 16, 2011. Issue No: 1 Rev.1
Copyright © 2010, Everlight Americas Inc. Release Date : June 20, 2011. Issue No: 1 Rev.1
www.everlightamericas.com
Application Circuit
Parts Table
Model No.
Carrier Frequency
EAIRMLA2
38 kHz
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Supply Voltage
Vcc
6
V
Operating Temperature
Topr
-20 ~ +80
Storage Temperature
Tstg
-40 ~ +85
Soldering Temperature
*1
Tsol
260
*1
4mm from mold body for less than 10
seconds


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn