Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EAIRMIA1 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part No. EAIRMIA1
Description  Infrared Receiver Control Receiver Module
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

EAIRMIA1 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Copyright © 2010, Everlight Americas Inc. Release Date : Feb.
21, 2012 Issue No: 1 Rev.1
www.everlightamericas.com
Infrared Receiver Control Receiver Module
EAIRMIA1
Features
‧High protection ability against EMI
‧ Available for various carrier frequencies
‧Circular lens for improve reception characteristic
‧ Min burst length: 8 cycles
‧ Min gap length: 12 cycles
‧ Low operating voltage and low power consumption
‧ High immunity against ambient light
‧ High immunity against TFT and PDP backlight
‧ Long reception range
‧ High sensitivity
‧ Pb free and RoHS compliant
‧Compliance with EU REACH.
‧Compliance Halogen Free .(Br <900 ppm ,Cl <900 ppm , Br+Cl < 1500 ppm).
Description
The device is miniature SMD type infrared receiver that has been developed and designed by utilizing the latest IC
technology.
The PIN diode and preamplifier are assembled onto a lead frame and molded into an epoxy package which operated an IR
filter. The demodulated output signal can directly be decoded by a microprocessor.
Applications
‧Light detecting portion of remote control
‧AV instruments such as Audio, TV, VCR, CD, MD, etc
‧Home appliances such as Air-conditioner, Fan, etc
‧Other devices using IR remote control
‧CATV set top boxes
‧Multi-media Equipment
Block Diagram
2
1
4
3
Pin Configuration
1. GND
2. GND
3. OUT
4. Vcc


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn