Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EAIRMIA1 Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part No. EAIRMIA1
Description  Infrared Receiver Control Receiver Module
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

EAIRMIA1 Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
DATASHEET
Infrared Receiver Control Receiver Module
EAIRMIA1
9
Copyright © 2010, Everlight Americas Inc. Release Date : Feb.
21, 2012 Issue No: 1 Rev.1
www.everlightamericas.com
Solder Reflow Temperature Profile
Note:
1. Reflow soldering should not be done more than two times.
2. When soldering, do not put stress on the IRM device during heating.
3. After soldering, do not warp the circuit board.
Application Restrictions
1.
Above specification may be changed without notice. Everlight Americas will reserve authority on material change
for above specification.
2.
When using this product, please observe the absolute maximum ratings and the instructions for use outlined in
these specification sheets. Everlight Americas assumes no responsibility for any damage resulting from use of
the product which does not comply with the absolute maximum ratings and the instructions included in these
specification sheets.
3.
These specification sheets include materials protected under copyright of Everlight Americas. Reproduction in
any form is prohibited without the specific consent of Everlight Americas.
1~5°C/sec
1~5°C/sec.
Pre-heating
180~200°C
120sec.Max.
60sec. Max.
Above. 220°C
260°C Max.
10sec Max.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn