Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EAIRMIA1 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part No. EAIRMIA1
Description  Infrared Receiver Control Receiver Module
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

EAIRMIA1 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DATASHEET
Infrared Receiver Control Receiver Module
EAIRMIA1
3
Copyright © 2010, Everlight Americas Inc. Release Date : Feb.
21, 2012 Issue No: 1 Rev.1
www.everlightamericas.com
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Current consumption
Icc
-
0.4
0.6
mA
No input signal
Supply voltage
VCC
2.7
-
5.5
V
Peak wavelength
λ
p
---
940
---
nm
Reception range
L0
8
---
---
m
See chapter
‚Test method’
L45
5
---
---
High level pulse width
TH
450
-
750
μs
Test signal
according to
figure 1
Low level pulse width
TL
450
-
750
μs
High level output voltage
VOH
Vcc-0.4
---
---
V
Low level output voltage
VOL
---
0.2
0.5
V
ISINK≦2mA
Internal pull up resistor
RPU
34
40
46


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn