Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4687N Datasheet(PDF) 11 Page - Texas Instruments

Part # PT4687N
Description  20-A 24-V Input Dual Output Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4687N Datasheet(HTML) 11 Page - Texas Instruments

Back Button PT4687N Datasheet HTML 5Page - Texas Instruments PT4687N Datasheet HTML 6Page - Texas Instruments PT4687N Datasheet HTML 7Page - Texas Instruments PT4687N Datasheet HTML 8Page - Texas Instruments PT4687N Datasheet HTML 9Page - Texas Instruments PT4687N Datasheet HTML 10Page - Texas Instruments PT4687N Datasheet HTML 11Page - Texas Instruments PT4687N Datasheet HTML 12Page - Texas Instruments PT4687N Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
0
5
10
15
20
25
30
35
t (milliseconds)
Vo1 (2V/Div)
Vo2 (2V/Div)
IIN (0.5A/Div)
Figure 3; Vo1, Vo2 Power-Up Sequence
PT4660 & PT4680 Series
On/Off Output Voltage Sequencing
The output voltages from the PT4660 series of DC/
DC converters are independantly regulated, and are
internally sequenced to meet the power-up requirements
of popular microprocessor and DSP chipsets. Figure 3
shows the waveforms from a PT4661 after the converter
is enabled at t=0s. During power-up, the Vo1 and Vo2
voltage waveforms typically track within 0.4V prior to
Vo2 reaching regulation. The waveforms were measured
with a 5-Adc resistive load at each output, and with a 48-
VDC input source applied. The converter typically
produces a fully regulated output within 25ms. The
actual turn-on time will vary slightly with input voltage,
but the power-up sequence is independent of the load at
either output.
Using the On/Off Enable Controls on the PT4660
and PT4680 Series of DC/DC Converters
The PT4660 (48V input) and PT4680 (24V input) series
of 75-W dual-output DC/DC converters incorporates
both positive and negative logic Output Enable controls.
EN1 (pin 3) is the positive enable input, and EN2 (pin 4)
is the negative enable input. Both inputs are TTL logic
compatible, and are electrically referenced to -Vin (pin 2)
on the primary (input) side of the converter. A pull-up
resistor is not required, but may be added if desired.
Adding a pull-up resistor from either input, up to +Vin,
will not damage the converter.
Automatic (UVLO) Power-Up
Connecting EN1 (pin 3) to -Vin (pin 2) and leaving EN2
(pin 4) open-circuit configures the converter for auto-
matic power up. (See data sheet “Typical Application”).
The converter control circuitry incorporates an “Under
Voltage Lockout” (UVLO) function, which disables the
converter until the minimum specified input voltage is
present at ±Vin. (See data sheet Specifications). The UVLO
circuitry ensures a clean transition during power-up and
power-down, allowing the converter to tolerate a slow-
rising input voltage. For most applications EN1 and
EN2, can be configured for automatic power-up.
Positive Output Enable (Negative Inhibit)
To configure the converter for a positive enable function,
connect EN1 (pin 3) to -Vin (pin 2), and apply the system
On/Off control signal to EN2 (pin 4). In this configura-
tion, a logic ‘0’ (-Vin potential) applied to pin 4 disables
the converter outputs. An example of this configuration is
detailed in Figure 1.
Negative Output Enable (Positive Inhibit)
To configure the converter for a negative enable function,
EN2 (pin 4) is left open circuit, and the system On/Off
control signal is applied to EN1 (pin 3). A logic ‘0’ (-Vin
potential) must then be applied to pin 3 in order to
PT4660
EN 1*
EN 2
–Vin
–V
IN
1 =Outputs Off
4
3
2
BSS138
PT4660
EN 1*
EN 2
–Vin
– V
IN
4
3
2
1 =Outputs On
BSS138
Figure 2; Negative Enable Configuration
Figure 1; Positive Enable Configuration
During turn-off, both outputs drop rapidly due to the
discharging effect of actively switched rectifiers. The
voltage at Vo1 remains higher than Vo2 during this pe-
riod. The discharge time is typically 100µs, but will vary
with the amount of external load capacitance.
enable the outputs of the converter. An example of this
configuration is detailed in Figure 2. Note: The converter
will only produce and output voltage if a valid input voltage is
applied to ±Vin.


Similar Part No. - PT4687N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4687N TI1-PT4687N Datasheet
286Kb / 15P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
More results

Similar Description - PT4687N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4680 TI1-PT4680 Datasheet
286Kb / 15P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
PT4500 TI-PT4500 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4140 TI-PT4140 Datasheet
176Kb / 9P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PTB48500 TI1-PTB48500_14 Datasheet
580Kb / 18P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48500 TI-PTB48500_06 Datasheet
400Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48500 TI-PTB48500 Datasheet
411Kb / 14P
[Old version datasheet]   Dual-Output, 48-V Input Isolated DC/DC Converter for xDSL
PTB48500A TI1-PTB48500A Datasheet
581Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
logo
PHOENIX CONTACT
105539 PHOENIX-105539 Datasheet
562Kb / 21P
   DC/DC converter with SFB technology, dip-coated, primary-switched, input: 24 V DC, output: 24 V DC, output current: 20 A
2014-02-13
logo
Texas Instruments
PT3663 TI-PT3663 Datasheet
317Kb / 15P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4661 TI-PT4661 Datasheet
339Kb / 17P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com