Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTS-360G Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part No. LTS-360G
Description  LED Display
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-360G Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTS-360G Datasheet HTML 1Page - Lite-On Technology Corporation LTS-360G Datasheet HTML 2Page - Lite-On Technology Corporation LTS-360G Datasheet HTML 3Page - Lite-On Technology Corporation LTS-360G Datasheet HTML 4Page - Lite-On Technology Corporation LTS-360G Datasheet HTML 5Page - Lite-On Technology Corporation LTS-360G Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LITE-ON ELECTRONICS, INC.
Property of Lite-On Only
PART NO.: LTS-360G
PAGE:
4 of 5
BNS-OD-C131/A4
ABSOLUTE MAXIMUM RATING AT Ta=25
oC
PARAMETER
MAXIMUM RATING
UNIT
Power Dissipation Per Segment
75
mW
Peak Forward Current Per Segment
( 1/10 Duty Cycle, 0.1ms Pulse Width )
100
mA
Continuous Forward Current Per Segment
Derating Linear From 25
0C Per Segment
25
0.33
mA
mA/
0C
Reverse Voltage Per Segment
5
V
Operating Temperature Range
-35
0C to +850C
Storage Temperature Range
-35
0C to +850C
Solder Temperature: max 260℃ for max 3sec at 1.6mm[1/16inch] below seating plane.
ELECTRICAL / OPTICAL CHARACTERISTICS AT Ta=25
oC
PARAMETER
SYMBOL MIN. TYP. MAX. UNIT TEST CONDITION
Average Luminous Intensity
IV
800
2000
cd
IF=10mA
Peak Emission Wavelength
p
565
nm
IF=20mA
Spectral Line Half-Width

30
nm
IF=20mA
Dominant Wavelength
d
569
nm
IF=20mA
Forward Voltage Per Segment
VF
2.1
2.6
V
IF=20mA
Reverse Current Per Segment
IR
100
A
VR=5V
Luminous Intensity Matching Ratio
IV-m
2:1
IF=10mA
Note: Luminous intensity is measured with a light sensor and filter combination that
approximates the CIE (Commision Internationale De L’Eclairage) eye-response curve.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn