Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTPL-P013WS57 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part No. LTPL-P013WS57
Description  High power LED light source
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo 

LTPL-P013WS57 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Part No.: LTPL-P013WS57 DATA SHEET (PRELIMINARY)
Page:
3
of
15
BNC-OD-C131/A4
3.2. Electro-Optical Characteristics at Ta=25
°C
Parameter
Symbol
MIN.
TYP.
MAX.
Test Condition
Unit
3.50
3.99
IF= 350mA
V
Forward Voltage
VF
4.00
IF= 700mA
V
Reverse Current
IR
100
VR = 5V
μA
76.6
95
IF = 350mA
lm
Luminous Flux
1, 3
Φ
V
166
IF = 700mA
lm
77.6
IF = 350mA
lm/W
Efficiency
η
59.2
IF = 700mA
lm/W
Color Rendering Index
CRI
70
IF = 350mA
%
View Angle
1/2
140
IF = 350mA
°
x
0.330
Chromaticity Coordinates
2, 3
Y
0.342
IF = 350mA
Notes
1.
Luminous flux is the total luminous flux output as measured with an integrating sphere.
2.
The chromaticity coordinates (x, y) is derived from the CIE 1931 chromaticity diagram.
3.
IS CAS140B is for the luminous flux (lm) and the CIE1931 chromaticity coordinates (x, y) testing.
The chromaticity coordinates (x, y) guarantee should be added
± 0.01 tolerance.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn