Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTPL-P013WS57 Datasheet(PDF) 16 Page - Lite-On Technology Corporation

Part No. LTPL-P013WS57
Description  High power LED light source
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo 

LTPL-P013WS57 Datasheet(HTML) 16 Page - Lite-On Technology Corporation

 
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Part No.: LTPL-P013WS57 DATA SHEET (PRELIMINARY)
Page:
16
of
15
BNC-OD-C131/A4
9.6.
Suggested Checking List
Training and Certification
1.
Working area is ESD-certified.
2.
Training records and re-certification dates monitored.
Static-Safe Workstation & Work Areas
1.
Static-safe working stations or work-areas have ESD signs.
2.
All surfaces and objects at all static-safe workstation and within 1 ft measure less than 100V.
3.
All ionizer activated, positioned towards the units.
4.
Each work surface mats grounding is good.
Personnel Grounding
1.
Every person (including visitors) handling ESD sensitive (ESDS) items wear wrist strap, heel
strap or conductive shoes with conductive flooring.
2.
If conductive footwear used, conductive flooring also present.
3.
Garments, hairs or anything closer than 1 ft to ESD items measure less than 100V.
4.
The wrist strap or heel strap/conductive shoes are checked daily and result recorded.
5.
All wrist strap or heel strap checkers calibration up to date.
Device Handling
1.
Each ESDS items identified by EIA-471 labels on item or packaging..
2.
No static charge generators (e.g. plastics) inside shielding containers with ESDS items.
3.
All flexible conductive and dissipative package materials are inspected before reuse or
recycles


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn