Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTPL-P013WS57 Datasheet(PDF) 14 Page - Lite-On Technology Corporation

Part No. LTPL-P013WS57
Description  High power LED light source
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo 

LTPL-P013WS57 Datasheet(HTML) 14 Page - Lite-On Technology Corporation

 
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Part No.: LTPL-P013WS57 DATA SHEET (PRELIMINARY)
Page:
14
of
15
BNC-OD-C131/A4
9.4.
ESD (Electrostatic Discharge)
Static Electricity or power surge will damage the LED. Suggestions to prevent ESD damage:
l
Use a conductive wrist band or anti-electrostatic glove when handling these LEDs.
l
All devices, equipment, and machinery must be properly grounded.
l
Work tables, storage racks, etc. should be properly grounded.
l
Use ion blower to neutralize the static charge which might have built up on surface of the LED
’s
plastic lens as a result of friction between LEDs during storage and handling.
ESD-damaged LEDs will exhibit abnormal characteristics such as high reverse leakage current, low
forward voltage, or
“no light up” at low currents. To verify for ESD damage, check for “light up” and V
F
of the suspect LEDs at low currents. The VF of “good” LEDs should be >2.0V@0.1mA for InGaN
product.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn