Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTPL-P013WS57 Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part No. LTPL-P013WS57
Description  High power LED light source
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo 

LTPL-P013WS57 Datasheet(HTML) 8 Page - Lite-On Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Part No.: LTPL-P013WS57 DATA SHEET (PRELIMINARY)
Page:
8
of
15
BNC-OD-C131/A4
5. Reflow Soldering Characteristics
Time
t
P
Preheat, t
S
t
L
T
Smin
T
Smax
25
°C to Peak, t
T
L
Ramp-down
Ramp-up
T
P
Profile Feature
Lead Free Assembly
Average Ramp-Up Rate (TSmax to TP)
3
°C / second max
Preheat Temperature Min (TSmin)
150
°C
Preheat Temperature Max (TSmax)
200
°C
Preheat Time (tSmin to tSmax)
60
– 180 seconds
Time Maintained Above Temperature (TL)
217
°C
Time Maintained Above Time (tL)
60
– 150 seconds
Peak / Classification Temperature (TP)
260
°C
Time Within 5
°C of Actual Peak Temperature (t
P)
5 seconds
Ramp
– Down Rate
6
°C / second max
Time 25
°C to Peak Temperature
8 minutes max
Notes:
1.
The LEDs can be soldered using the reflow soldering or hand soldering method. The recommended
hand soldering condition is 350
°C max. and 2secs max. for one time only.
2.
All temperatures refer to topside of the package, measured on the package body surface.
3.
The soldering condition referring to J-STD-020B and suggested IR reflow max. one time only. If the
LEDs were unpacked more than 168hrs, baking the LEDs at 60℃ for 60 mins before soldering process.
4.
The soldering profile could be further referred to different soldering grease material characteristic.
The grease vendor will provide this information.
5.
A rapid-rate process is not recommended for the LEDs cooling down from the peak temperature.
6.
Although the recommended reflow conditions are specified above, the reflow or hand soldering
condition at the lowest possible temperature is desirable for the LEDs.
7.
LiteOn cannot make a guarantee on the LEDs which have been already assembled using the dip
soldering method


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn