Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP08C596B1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP08C596B1
Description  8-BIT CONSTANT CURRENT LED SINK DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08C596B1 Datasheet(HTML) 2 Page - STMicroelectronics

  STP08C596B1 Datasheet HTML 1Page - STMicroelectronics STP08C596B1 Datasheet HTML 2Page - STMicroelectronics STP08C596B1 Datasheet HTML 3Page - STMicroelectronics STP08C596B1 Datasheet HTML 4Page - STMicroelectronics STP08C596B1 Datasheet HTML 5Page - STMicroelectronics STP08C596B1 Datasheet HTML 6Page - STMicroelectronics STP08C596B1 Datasheet HTML 7Page - STMicroelectronics STP08C596B1 Datasheet HTML 8Page - STMicroelectronics STP08C596B1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
STP08C596
2/16
Table 2: Current Accuracy
Figure 1: Pin Connection
Table 3: Pin Description
Table 4: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
Output Voltage
Current accuracy
Output Current
Between bits
Between ICs
≥ 0.7V
TYP. ± 3%
± 10%
15 to 120 mA
PIN N°
Symbol
Name and Function
1
GND
Ground Terminal
2
SDI
Serial data input terminal
3
CLK
Clock input terminal
4
/LE
Latch input terminal
5-12
OUT 0-7
Output terminal
13
/OE
Output enable input terminal (active low)
14
SDO
Serial data out terminal
15
R-EXT
Constant Current programming
16
VDD
5V Supply voltage terminal
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
0 to 7
V
VO
Output Voltage
-0.5 to 16
V
IO
Output Current
120
mA
VI
Input Voltage
-0.4 to VDD+0.4
V
IGND
GND Terminal Current
980
mA
fCLK
Clock Frequency
25
MHz
TOPR
Operating Temperature Range
-40 to +125
°C
TSTG
Storage Temperature Range
-55 to +150
°C


Similar Part No. - STP08C596B1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP08CDC596 STMICROELECTRONICS-STP08CDC596 Datasheet
435Kb / 20P
   8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
STP08CDC596B1 STMICROELECTRONICS-STP08CDC596B1 Datasheet
435Kb / 20P
   8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
STP08CDC596M STMICROELECTRONICS-STP08CDC596M Datasheet
435Kb / 20P
   8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
STP08CDC596MTR STMICROELECTRONICS-STP08CDC596MTR Datasheet
435Kb / 20P
   8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
STP08CDC596TTR STMICROELECTRONICS-STP08CDC596TTR Datasheet
435Kb / 20P
   8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
More results

Similar Description - STP08C596B1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
   8-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP08CL596 STMICROELECTRONICS-STP08CL596 Datasheet
554Kb / 16P
   LOW VOLTAGE 8-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5001 ETC-MBI5001 Datasheet
244Kb / 9P
   8 BIT CONSTANT CURRENT LED DRIVER
logo
Silan Microelectronics ...
SD16730 SILAN-SD16730 Datasheet
708Kb / 12P
   8-Bit Constant Current LED Driver
logo
Silicon Touch Technolog...
DM11A SITI-DM11A Datasheet
422Kb / 20P
   8-bit Constant Current LED Driver
logo
Holtek Semiconductor In...
HT16D595 HOLTEK-HT16D595 Datasheet
2Mb / 11P
   8-Bit Constant Current LED Driver
logo
SamHop Microelectronics...
SM16705 SAMHOP-SM16705 Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
   16-bit Constant Current LED Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com