Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4685N Datasheet(PDF) 1 Page - Texas Instruments

Part # PT4685N
Description  20-A 24-V Input Dual Output Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4685N Datasheet(HTML) 1 Page - Texas Instruments

  PT4685N Datasheet HTML 1Page - Texas Instruments PT4685N Datasheet HTML 2Page - Texas Instruments PT4685N Datasheet HTML 3Page - Texas Instruments PT4685N Datasheet HTML 4Page - Texas Instruments PT4685N Datasheet HTML 5Page - Texas Instruments PT4685N Datasheet HTML 6Page - Texas Instruments PT4685N Datasheet HTML 7Page - Texas Instruments PT4685N Datasheet HTML 8Page - Texas Instruments PT4685N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Description
The PT4680 Excalibur™ Series
is a dual-output isolated DC/DC
converter that combine state-of-the-
art power conversion technology with
unparalleled flexibility. Operating
from a (–24V) industry standard input
bus, the PT4680 series provides up to
20 ADC of output current from two
independently regulated voltages
(each output 15 ADC max).
The PT4680 series is characterized
with high efficiencies and ultra-fast
transient response, and incorporates
many features to facilitate system
integration. These include a flexible
“On/Off” enable control, output
Features
Dual Outputs
(Independently Regulated)
Power-up/Down Sequencing
Input Voltage Range:
18V to 36V
1500 VDC Isolation
Temp Range: –40° to 100°C
High Efficiency: 88%
Fixed Frequency Operation
Over-Current Protection
(Both Outputs)
Ordering Information
Pt. No.
Vo1/Vo2
PT4681
o
= 5.0/3.3 Volts
PT4682
o
= 3.3/2.5 Volts
PT4683
o
= 3.3/1.8 Volts
PT4685
o
= 3.3/1.5 Volts
PT4686
o
= 2.5/1.8 Volts
PT4687
o
= 5.0/1.8 Volts
Typical Application
PT4680
+Vin
EN 1*
EN 2
–Vin
Vo
1 ad j
Vo
2 ad j
Vo
1
Vo
2
COM
9–12
21–24
14–19
L
O
A
D
L
O
A
D
Vo
1
Vo
2
V
1 Adjust
V
2 Adjust
+V
IN
–V
IN
20
13
1
4
3
2
COM
* Inverted logic
Dual Logic On/Off Control
Over-Temperature Shutdown
Over-Voltage Protection
(Coordinated Shutdown)
Under-Voltage Lockout
Input Differential EMI Filter
Solderable Copper Case
Safety Approvals (Pending):
UL 60950
CSA 22.2 60950
current limit, over-temperature pro-
tection, and an input under-voltage
lock-out. In addition, both output
voltages are designed to meet the
power-up/power -down sequencing
requirements of popular DSP ICs.
The PT4680 series is housed in
space-saving solderable copper case.
The package does not require a
heatsink and is available in both
vertical and horizontal configura-
tions, including surface mount. The
‘N’ configuration occupies less than 2
in² of PCB area.
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration
Suffix
Code
Vertical
N
(EKD)
Horizontal
A
(EKA)
SMD
C
(EKC)
(Reference the applicable package code draw-
ing for the dimensions and PC board layout)
PT4680 Series
20-A 24-V Input Dual Output
Isolated DC/DC Converter
SLTS141A
(Revised 1/28/2002)


Similar Part No. - PT4685N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4685N TI1-PT4685N Datasheet
286Kb / 15P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
More results

Similar Description - PT4685N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4680 TI1-PT4680 Datasheet
286Kb / 15P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
PT4500 TI-PT4500 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4140 TI-PT4140 Datasheet
176Kb / 9P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PTB48500 TI1-PTB48500_14 Datasheet
580Kb / 18P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48500 TI-PTB48500_06 Datasheet
400Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48500 TI-PTB48500 Datasheet
411Kb / 14P
[Old version datasheet]   Dual-Output, 48-V Input Isolated DC/DC Converter for xDSL
PTB48500A TI1-PTB48500A Datasheet
581Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
logo
PHOENIX CONTACT
105539 PHOENIX-105539 Datasheet
562Kb / 21P
   DC/DC converter with SFB technology, dip-coated, primary-switched, input: 24 V DC, output: 24 V DC, output current: 20 A
2014-02-13
logo
Texas Instruments
PT3663 TI-PT3663 Datasheet
317Kb / 15P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4661 TI-PT4661 Datasheet
339Kb / 17P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com